Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4010 Datasheet(PDF) 12 Page - STMicroelectronics

Part # HCF4010
Description  Hex buffer/converter (non-inverting)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4010 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button HCF4010 Datasheet HTML 5Page - STMicroelectronics HCF4010 Datasheet HTML 6Page - STMicroelectronics HCF4010 Datasheet HTML 7Page - STMicroelectronics HCF4010 Datasheet HTML 8Page - STMicroelectronics HCF4010 Datasheet HTML 9Page - STMicroelectronics HCF4010 Datasheet HTML 10Page - STMicroelectronics HCF4010 Datasheet HTML 11Page - STMicroelectronics HCF4010 Datasheet HTML 12Page - STMicroelectronics HCF4010 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
HCF4010
12/13
DocID8190 Rev 8
5
Ordering information
6
Revision history
Table 10. Order codes
Order code
Temperature range
Package
Packing
Marking
HCF4010M013TR
–55 °C to +125 °C
SO16
Tape and
reel
HCF4010
HCF4010YM013TR(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 and Q002 or equivalent.
–40 °C to +125 °C
SO16
(automotive grade)
HCF4010Y
Table 11. Document revision history
Date
Revision
Changes
16-Mar-2005
3
Add VCC on Table 6
11-Jun-2012
4
Added Applications on page 1
Updated Table 1: Device summary
Removed DIP16 package from document
Revised document presentation, minor textual updates
15-Jun-2012
5
Updated temperature range in Table 1
Updated Top in Table 5
19-Oct-2012
6
Updated Features (added ESD data).
Updated Table 1 (added Marking, updated note 1.)
Reformatted Section 4 (added Figure 5 and Figure 6, Table 8 and
Table 9).
Minor corrections throughout document.
25-Apr-2013
7
Updated Features: ESD data modified, removed information
regarding B series CMOS devices.
Added Section 5: Ordering information
13-Jan-2014
8
Table 1: Device summary: added “Packing”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com