Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4010 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4010
Description  Hex buffer/converter (non-inverting)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4010 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4010 Datasheet HTML 2Page - STMicroelectronics HCF4010 Datasheet HTML 3Page - STMicroelectronics HCF4010 Datasheet HTML 4Page - STMicroelectronics HCF4010 Datasheet HTML 5Page - STMicroelectronics HCF4010 Datasheet HTML 6Page - STMicroelectronics HCF4010 Datasheet HTML 7Page - STMicroelectronics HCF4010 Datasheet HTML 8Page - STMicroelectronics HCF4010 Datasheet HTML 9Page - STMicroelectronics HCF4010 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
HCF4010
6/13
DocID8190 Rev 8
Table 6. DC specifications(1)
Sym.
Parameter
Test condition
Value
Unit
VI
(V)
VO
(V)
|IO|
(
μA)
VDD = VCC
(V)
TA = 25 °C
-40 to 85 °C -55 to 125 °C
Min.
Typ. Max. Min. Max.
Min.
Max.
IL
Quiescent
current
0/5
5
0.02
1
30
30
µA
0/10
10
0.02
2
60
60
0/15
15
0.02
4
120
120
0/20
20
0.04
20
600
600
VOH
High-level
output voltage
0/5
<1
5
4.95
4.95
4.95
V
0/10
<1
10
9.95
9.95
9.95
0/15
<1
15
14.95
14.95
14.95
VOL
Low-level
output voltage
5/0
<1
5
0.05
0.05
0.05
10/0
<1
10
0.05
0.05
0.05
15/0
<1
15
0.05
0.05
0.05
VIH
High-level input
voltage
0.5/4.5
<1
5
3.5
3.5
3.5
1/9
<1
10
7
7
7
1.5/13.5
<1
15
11
11
11
VIL
Low-level input
voltage
4.5/0.5
<1
5
1.5
1.5
1.5
9/1
<1
10
3
3
3
13.5/1.5
<1
15
4
4
4
IOH
Output drive
current
0/5
2.5
<1
5
-0.8
-1.6
-0.65
-0.65
mA
0/5
4.6
<1
5
-0.2
-0.4
-0.18
-0.18
0/10
9.5
<1
10
-0.45
-0.9
-0.38
-0.38
0/15
13.5
<1
15
-1.5
-3
-1.25
-1.25
IOL
Output sink
current
0/5
0.4
<1
5
3
4
2.4
2.4
0/10
0.5
<1
10
8
10
6.4
6.4
0/15
1.5
<1
15
24
36
19
19
II
Input leakage
current
0/18
Any input
18
±10-5 ±0.1
±1
±1µA
CI
Input
capacitance
Any input
5
7.5
pF
1. The noise margin for both level “1” and “0” is: 1 V min. with VDD = 5 V, 2 V min. with VDD = 10 V, 2.5 V min. with VDD = 15 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com