Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4010 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4010
Description  Hex buffer/converter (non-inverting)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4010 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4010 Datasheet HTML 1Page - STMicroelectronics HCF4010 Datasheet HTML 2Page - STMicroelectronics HCF4010 Datasheet HTML 3Page - STMicroelectronics HCF4010 Datasheet HTML 4Page - STMicroelectronics HCF4010 Datasheet HTML 5Page - STMicroelectronics HCF4010 Datasheet HTML 6Page - STMicroelectronics HCF4010 Datasheet HTML 7Page - STMicroelectronics HCF4010 Datasheet HTML 8Page - STMicroelectronics HCF4010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
January 2014
DocID8190 Rev 8
1/13
HCF4010
Hex buffer/converter (non-inverting)
Datasheet
- production data
Features
• Propagation delay time
–tPD = 50 ns (typ.) at VDD = 10 V, CL = 50 pF
• High to low level logic conversion
• Multiplexer: 1 to 6 or 6 to 1
• High “sink” and “source” current capability
• Quiescent current specified up to 20 V
• 5 V, 10 V and 15 V parametric ratings
• Input leakage current
• II = 100 nA (max.) at VDD = 18 V, TA = 25 °C
100% tested for quiescent current
• ESD performance
–CDM: 1 kV
–HBM: 1 kV
– MM: 150 V
Applications
• Automotive
• Industrial
• Computer
• Consumer
Description
The HCF4010 device is a monolithic integrated
circuit fabricated in MOS (metal oxide
semiconductor) technology available in an SO16
package.
It is a non-inverting hex buffer/converter and can
be used as a CMOS to TTL logic level converter,
as a current “sink” or “source” driver, or as
a multiplexer (1 to 6).
It is the preferred replacement of the HCF4050B
in buffer applications.
SO16
Table 1. Device summary
Order code
Temperature range
Package
Packing
Marking
HCF4010M013TR
–55 °C to +125 °C
SO16
Tape and reel
HCF4010
HCF4010YM013TR(1)
–40 °C to +125 °C
SO16 (automotive grade)
HCF4010Y
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q002 or equivalent.
www.st.com


Similar Part No. - HCF4010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
302Kb / 13P
HEX BUFFER/CONVERTERS
Sep-1988
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
268Kb / 11P
9-BIT PARITY GENERATOR/CHECKER
Jun-1989
HCF4010 STMICROELECTRONICS-HCF4010 Datasheet
270Kb / 14P
DUAL 2-INPUT NAND BUFFER/DRIVER
Sep-1988
HCF40100B STMICROELECTRONICS-HCF40100B Datasheet
287Kb / 13P
32-STAGE STATIC LEFT/RIGHT SHIFT REGISTER
Jun-1989
HCF40100BC1 STMICROELECTRONICS-HCF40100BC1 Datasheet
287Kb / 13P
32-STAGE STATIC LEFT/RIGHT SHIFT REGISTER
Jun-1989
More results

Similar Description - HCF4010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
Hex Inverting,Non-Inverting Buffer
logo
Toshiba Semiconductor
TC4049BP TOSHIBA-TC4049BP Datasheet
240Kb / 5P
HEX BUFFER/CONVERTER (INVERTING TYPE, NON-INVERTING TYPE)
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
Hex Inverting Buffer . Hex Non-Inverting Buffer
MM74C901 FAIRCHILD-MM74C901 Datasheet
69Kb / 6P
Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
logo
STMicroelectronics
HCF4050B STMICROELECTRONICS-HCF4050B Datasheet
172Kb / 9P
HEX BUFFER/CONVERTER (NON INVERTING)
May-2003
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
467Kb / 10P
HEX BUFFER/CONVERTER (NON INVERTING)
16-Mar-2005
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
Hex Inverting Buffer Hex Non-Inverting Buffer
logo
STMicroelectronics
HCF4010B STMICROELECTRONICS-HCF4010B_01 Datasheet
56Kb / 8P
HEX BUFFER/CONVERTER (NON INVERTING)
Sep-2001
logo
Rochester Electronics
CD4049 ROCHESTER-CD4049 Datasheet
506Kb / 7P
CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
logo
Fairchild Semiconductor
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
Hex Inverting Buffer ??Hex Non-Inverting Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com