Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4093 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4093
Description  Quad 2-input NAND Schmitt trigger
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4093 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4093 Datasheet HTML 2Page - STMicroelectronics HCF4093 Datasheet HTML 3Page - STMicroelectronics HCF4093 Datasheet HTML 4Page - STMicroelectronics HCF4093 Datasheet HTML 5Page - STMicroelectronics HCF4093 Datasheet HTML 6Page - STMicroelectronics HCF4093 Datasheet HTML 7Page - STMicroelectronics HCF4093 Datasheet HTML 8Page - STMicroelectronics HCF4093 Datasheet HTML 9Page - STMicroelectronics HCF4093 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
HCF4093
6/13
DocID2068 Rev 4
Table 6. DC specifications(1)
Sym. Parameter
Test condition
Value
Unit
VI (V) VO (V) |IO| (μA) VDD(V)
TA = 25 °C
-40 to 85 °C -55 to 125 °C
Min.
Typ. Max. Min.
Max.
Min.
Max.
IL
Quiescent
current
0/5
5
0.02
130
30
μA
0/10
10
2
60
60
0/15
15
4
120
120
0/20
20
0.04
20
600
600
VOH
High level
output
voltage
0/5
<1
5
4.95
4.95
4.95
V
0/10
10
9.95
9.95
9.95
0/15
15
14.95
14.95
14.95
VOL
Low level
output
voltage
5/0
<1
5
0.05
0.05
0.05
10/0
10
15/0
15
VP
Positive
trigger
threshold
voltage
a
5
2.2
2.9
3.6
2.2
3.6
2.2
3.6
10
4.6
5.9
7.1
4.6
7.1
4.6
7.1
15
6.8
8.8
10.8
6.8
10.8
6.8
10.8
b
5
2.6
3.3
4.0
2.6
4
2.6
4
10
5.6
7
8.2
5.6
8.2
5.6
8.2
15
6.3
9.4
12.7
6.3
12.7
6.3
12.7
VN
Negative
trigger
threshold
voltage
a
5
0.9
1.9
2.8
0.9
2.8
0.9
2.8
10
2.5
3.9
5.2
2.5
5.2
2.5
5.2
15
4
5.8
7.4
4
7.4
4
7.4
b
5
1.4
2.3
3.2
1.4
3.2
1.4
3.2
10
3.4
5.1
6.6
3.4
6.6
3.4
6.6
15
4.8
7.3
9.6
4.8
9.6
4.8
9.6
VH
Hysteresis
voltage
a
5
0.3
0.9
1.6
0.3
1.6
0.3
1.6
10
1.2
2.3
3.4
1.2
3.4
1.2
3.4
15
1.6
3.5
5
1.6
5
1.6
5
b
5
0.3
0.9
1.6
0.3
1.6
0.3
1.6
10
1.2
2.3
3.4
1.2
3.4
1.2
3.4
15
1.6
3.5
5
1.6
5
1.6
5
IOH
Output
drive
current
0/5
2.5
<1
5
-1.36
-3.2
-1.15
-1.1
mA
4.6
-0.44
-1
-0.36
-0.36
0/10
9.5
10
-1.1
-2.6
-0.9
-0.9
0/15
13.5
15
-3.0
-6.8
-2.4
-2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com