Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4093 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4093
Description  Quad 2-input NAND Schmitt trigger
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4093 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4093 Datasheet HTML 1Page - STMicroelectronics HCF4093 Datasheet HTML 2Page - STMicroelectronics HCF4093 Datasheet HTML 3Page - STMicroelectronics HCF4093 Datasheet HTML 4Page - STMicroelectronics HCF4093 Datasheet HTML 5Page - STMicroelectronics HCF4093 Datasheet HTML 6Page - STMicroelectronics HCF4093 Datasheet HTML 7Page - STMicroelectronics HCF4093 Datasheet HTML 8Page - STMicroelectronics HCF4093 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
January 2014
DocID2068 Rev 4
1/13
HCF4093
Quad 2-input NAND Schmitt trigger
Datasheet
- production data
Features
• Schmitt trigger action on each input with no
external components
• Hysteresis voltage typically 0.9 V at VDD = 5 V
and 2.3 V at VDD =10 V
• Noise immunity greater than 50 % of
VDD ( typ.)
• No limit on input rise and fall times
• Quiescent current specified up to 20 V
• Standardized symmetrical output
characteristics
• 5 V, 10 V, and 15 V parametric ratings
• Input leakage current II = 100 nA (max.) at
VDD = 18 V and TA = 25 ° C
• 100 % tested for quiescent current
• ESD performance
–HBM: 2 kV
– MM: 200 V
–CDM: 1 kV
Applications
• Automotive
• Industrial
• Computer
• Consumer
Description
The HCF4093 is a monolithic integrated circuit
fabricated in metal oxide semiconductor
technology available in the SO14 package.
The HCF4093 consists of four Schmitt trigger
circuits. Each circuit function has a 2-input NAND
gate with Schmitt trigger action on both inputs.
The gate switches at different points for positive
and negative going signals. The difference
between the positive voltage (VP) and the
negative voltage (VN) is defined as hysteresis
voltage (VH).
SO14
Table 1. Device summary table
Order code
Temperature range
Package
Packing
Marking
HCF4093M013TR
-55 ° C to +125 ° C
SO14
Tape and reel
HCF4093
HCF4093YM013TR (1)
-40 ° C to +125 ° C
SO14
(automotive grade)(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q002 or equivalent.
HCF4093Y
www.st.com


Similar Part No. - HCF4093

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4093 STMICROELECTRONICS-HCF4093 Datasheet
311Kb / 13P
QUAD 2-INPUT NAND SCHMIDT TRIGGERS
Jun-1989
HCF4093 STMICROELECTRONICS-HCF4093 Datasheet
185Kb / 13P
QUAD 2-input NAND Schmidt trigger
16-Aug-2007
HCF4093B STMICROELECTRONICS-HCF4093B Datasheet
311Kb / 13P
QUAD 2-INPUT NAND SCHMIDT TRIGGERS
Jun-1989
HCF4093B STMICROELECTRONICS-HCF4093B Datasheet
126Kb / 7P
QUAD 2 INPUT NAND SCHMITT TRIGGER
Sep-2001
HCF4093BC1 STMICROELECTRONICS-HCF4093BC1 Datasheet
311Kb / 13P
QUAD 2-INPUT NAND SCHMIDT TRIGGERS
Jun-1989
More results

Similar Description - HCF4093

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
Quad 2-input NAND Schmitt trigger
1999 Sep 24
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
Quad 2-Input NAND Schmitt Trigger
logo
NXP Semiconductors
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com