Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4093 Datasheet(PDF) 12 Page - STMicroelectronics

Part # HCF4093
Description  Quad 2-input NAND Schmitt trigger
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4093 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button HCF4093 Datasheet HTML 5Page - STMicroelectronics HCF4093 Datasheet HTML 6Page - STMicroelectronics HCF4093 Datasheet HTML 7Page - STMicroelectronics HCF4093 Datasheet HTML 8Page - STMicroelectronics HCF4093 Datasheet HTML 9Page - STMicroelectronics HCF4093 Datasheet HTML 10Page - STMicroelectronics HCF4093 Datasheet HTML 11Page - STMicroelectronics HCF4093 Datasheet HTML 12Page - STMicroelectronics HCF4093 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
HCF4093
12/13
DocID2068 Rev 4
5
Ordering information
6
Revision history
Table 10. Order codes
Order code
Temperature range
Package
Packing
Marking
HCF4093M013TR
-55 ° C to +125 ° C
SO14
Tape and
reel
HCF4093
HCF4093YM013TR (1)
-40 ° C to +125 ° C
SO14
(automotive grade)(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q002 or equivalent.
HCF4093Y
Table 11. Document revision history
Date
Revision
Changes
Sept-2001
1
Initial release.
16-Aug-2007
2
Document converted to new ST template, added Figure 6: SO14
tape and reel information on page 11 andTable 9: SO14 tape and
reel information on page 11, small text changes.
18-Feb-2013
3
Document template and layout updated
Updated package names (PDIP-14 and SO-14 instead of DIP-14
and SOP-14).
Updated Features
Added Applications
Updated Device summary table
Small correction to inches min value of Ao in Table 9
Added Section 5: Ordering information
13-Jan-2014
4
Removed PDIP14 package
Added ESD data to Features
Table 1: Device summary table: updated footnote 1.
Table 10: Order codes: updated footnote 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com