Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4093 Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF4093
Description  Quad 2-input NAND Schmitt trigger
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4093 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF4093 Datasheet HTML 3Page - STMicroelectronics HCF4093 Datasheet HTML 4Page - STMicroelectronics HCF4093 Datasheet HTML 5Page - STMicroelectronics HCF4093 Datasheet HTML 6Page - STMicroelectronics HCF4093 Datasheet HTML 7Page - STMicroelectronics HCF4093 Datasheet HTML 8Page - STMicroelectronics HCF4093 Datasheet HTML 9Page - STMicroelectronics HCF4093 Datasheet HTML 10Page - STMicroelectronics HCF4093 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID2068 Rev 4
7/13
HCF4093
Electrical characteristics
13
Sym. Parameter
Test condition
Value
Unit
VI (V) VO (V) |IO| (μA) VDD(V)
TA = 25 °C
-40 to 85 °C -55 to 125 °C
Min.
Typ. Max. Min.
Max.
Min.
Max.
IOL
Output sink
current
0/5
0.4
<1
5
0.44
1
0.36
0.36
mA
0/10
0.5
10
1.1
2.6
0.9
0.9
0/15
1.5
15
3.0
6.8
2.4
2.4
II
Input
leakage
current
0/18
Any input
18
±10-5 ±0.1
±1
±1
μA
CI
Input
capacitance
Any input
5
7.5
pF
1. The noise margin for both level "1" and "0" is: 1 V min. with VDD = 5 V, 2 V min. with VDD = 10 V, and 2.5 V min. with
VDD = 15 V.
a: Input on terminals 1, 5, 8, 12 or 2, 6, 9, 13; other inputs to VDD.
b: Input on terminals 1 and 2, 5 and 6, 8 and 9, or 12 and 13; other inputs to VDD.
Table 6. DC specifications(1) (continued)
Table 7. Dynamic electrical characteristics
(Tamb = 25 °C, CL = 50 pF, RL = 200 kΩ, tr = tf = 20 ns)
Symbol
Parameter
Test condition
Value(1)
1. The typical temperature coefficient for all VDD values is 0.3 %/°C.
Unit
VDD (V)
Typ.
Max.
tPLH, tPHL
Propagation delay time
5
190
380
ns
10
90
180
15
65
130
tTLH, tTHL
Output transition time
5
100
200
10
50
100
15
40
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com