Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4094 Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF4094
Description  8-stage shift and store bus register with 3-stage outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4094 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF4094 Datasheet HTML 3Page - STMicroelectronics HCF4094 Datasheet HTML 4Page - STMicroelectronics HCF4094 Datasheet HTML 5Page - STMicroelectronics HCF4094 Datasheet HTML 6Page - STMicroelectronics HCF4094 Datasheet HTML 7Page - STMicroelectronics HCF4094 Datasheet HTML 8Page - STMicroelectronics HCF4094 Datasheet HTML 9Page - STMicroelectronics HCF4094 Datasheet HTML 10Page - STMicroelectronics HCF4094 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DocID002069 Rev 5
7/17
HCF4094
Electrical characteristics
17
3
Electrical characteristics
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. All voltage values are referred to
VSS pin voltage.
Table 4. Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VDD
Supply voltage
-0.5 to +22
V
VI
DC input voltage
-0.5 to VDD + 0.5
II
DC input current
10
mA
PD
Power dissipation per package
500(1)
1. 500 mW at 65 °C; lower to 300 mW by 10 mW/°C from 65 °C to 85 °C.
mW
Power dissipation per output transistor
100
Top
Operating temperature
-55 to +125
°C
Tstg
Storage temperature
-65 to +150
Table 5. Recommended operating conditions
Symbol
Parameter
Value
Unit
VDD
Supply voltage
3 to 20
V
VI
Input voltage
0 to VDD
Top
Operating temperature
-55 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com