Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4094 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4094
Description  8-stage shift and store bus register with 3-stage outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4094 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4094 Datasheet HTML 1Page - STMicroelectronics HCF4094 Datasheet HTML 2Page - STMicroelectronics HCF4094 Datasheet HTML 3Page - STMicroelectronics HCF4094 Datasheet HTML 4Page - STMicroelectronics HCF4094 Datasheet HTML 5Page - STMicroelectronics HCF4094 Datasheet HTML 6Page - STMicroelectronics HCF4094 Datasheet HTML 7Page - STMicroelectronics HCF4094 Datasheet HTML 8Page - STMicroelectronics HCF4094 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
January 2014
DocID002069 Rev 5
1/17
HCF4094
8-stage shift and store bus register with 3-stage outputs
Datasheet
- production data
Features
 3- state parallel outputs for connection to
common bus
 Separate serial outputs synchronous to both
positive and negative clock edges for
cascading
 Medium speed operation 5 MHz at 10 V
 Quiescent current specified up to 20 V
 Standardized symmetrical output
characteristics
 5 V, 10 V, and 15 V parametric ratings
 Input leakage current II = 100 nA (max.) at
VDD = 18 V, TA = 25 C
 100% tested for quiescent current
 ESD performance
– HBM: 1 kV
– MM: 200 V
– CDM: 1 kV
Applications
 Automotive
 Industrial
 Computer
 Consumer
Description
The HCF4094 is a monolithic integrated circuit
fabricated in metal oxide semiconductor
technology available in an SO-16 package. The
HCF4094 is an 8-stage, serial shift register having
a storage latch associated with each stage for
strobing data from the serial input to parallel
buffered 3-state outputs. The parallel outputs may
be connected directly to common bus lines. Data
are shifted on positive clock transition. The data in
each shift register stage are transferred to the
storage register when the STROBE input is high.
Data in the storage register appear at the outputs
whenever the OUTPUT-ENABLE signal is high.
Two serial outputs are available for cascading a
number of HCF4094 devices. Data are available
at the QS serial output terminal on positive clock
edges to allow for high speed operation in a
cascaded system in which the clock rise time is
fast. The same serial information, available at the
Q’S terminal on the next negative clock edge,
provides a means for cascading HCF4094
devices when the clock rise time is slow.
SO-16
Table 1. Device summary table
Order code
Temperature range
Package
Packing
Marking
HCF4094M013TR
-55 ° C to +125 ° C
SO-16
Tape & reel
HCF4094
HCF4094YM013TR(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q002 or equivalent.
-40 ° C to +125 ° C
SO-16
(automotive grade)(1)
HCF4094Y
www.st.com


Similar Part No. - HCF4094

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4094 STMICROELECTRONICS-HCF4094 Datasheet
318Kb / 14P
8-STAGE SHIFT-AND-STORE BUS REGISTER
Jun-1989
HCF4094B STMICROELECTRONICS-HCF4094B Datasheet
318Kb / 14P
8-STAGE SHIFT-AND-STORE BUS REGISTER
Jun-1989
HCF4094B STMICROELECTRONICS-HCF4094B Datasheet
306Kb / 12P
8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
Oct-2002
HCF4094B STMICROELECTRONICS-HCF4094B Datasheet
237Kb / 13P
8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
Mar-2004
HCF4094BC1 STMICROELECTRONICS-HCF4094BC1 Datasheet
318Kb / 14P
8-STAGE SHIFT-AND-STORE BUS REGISTER
Jun-1989
More results

Similar Description - HCF4094

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
8-stage shift-and-store bus register
December 1990
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
8-stage shift-and-store bus register
January 1995
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
8-STAGE SHIFT-AND-STORE BUS REGISTER
Jun-1989
HCF4094B STMICROELECTRONICS-HCF4094B Datasheet
306Kb / 12P
8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
Oct-2002
HCF4094B STMICROELECTRONICS-HCF4094B_04 Datasheet
237Kb / 13P
8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
Mar-2004
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
8-Stage Shift-and-Store Bus-Register
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
8-stage shift-and-store bus register
Rev. 04-30 October 2008
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
8-stage shift-and-store bus register
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
8-stage shift-and-store bus register
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com