Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4094 Datasheet(PDF) 10 Page - STMicroelectronics

Part # HCF4094
Description  8-stage shift and store bus register with 3-stage outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4094 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button HCF4094 Datasheet HTML 6Page - STMicroelectronics HCF4094 Datasheet HTML 7Page - STMicroelectronics HCF4094 Datasheet HTML 8Page - STMicroelectronics HCF4094 Datasheet HTML 9Page - STMicroelectronics HCF4094 Datasheet HTML 10Page - STMicroelectronics HCF4094 Datasheet HTML 11Page - STMicroelectronics HCF4094 Datasheet HTML 12Page - STMicroelectronics HCF4094 Datasheet HTML 13Page - STMicroelectronics HCF4094 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Electrical characteristics
HCF4094
10/17
DocID002069 Rev 5
Figure 6. Typical application (remote control holding register)
Symbol
Parameter
Test condition
Value(1)
Unit
VDD (V)
Min.
Typ.
Max.
tr, tf
Clock input rise or fall time
515
s
10
5
15
5
fmax
Maximum clock input frequency
5
1.25
2.5
MHz
10
2.5
5
15
3
6
1. The typical temperature coefficient for all VDD values is 0.3 %/°C.
Table 7. Dynamic electrical characteristics (Tamb = 25 °C, CL = 50 pF, RL = 200 k, tr =
tf = 20 ns) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com