Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4094 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HCF4094
Description  8-stage shift and store bus register with 3-stage outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4094 Datasheet(HTML) 3 Page - STMicroelectronics

  HCF4094 Datasheet HTML 1Page - STMicroelectronics HCF4094 Datasheet HTML 2Page - STMicroelectronics HCF4094 Datasheet HTML 3Page - STMicroelectronics HCF4094 Datasheet HTML 4Page - STMicroelectronics HCF4094 Datasheet HTML 5Page - STMicroelectronics HCF4094 Datasheet HTML 6Page - STMicroelectronics HCF4094 Datasheet HTML 7Page - STMicroelectronics HCF4094 Datasheet HTML 8Page - STMicroelectronics HCF4094 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DocID002069 Rev 5
3/17
HCF4094
Pin information
17
1
Pin information
Figure 1. Pin connections (top view)
Table 2. Pin description
Pin no
Symbol
Name and function
2
DATA
Data input
1
STROBE
Strobe input
3
CLOCK
Clock input
9, 10
QS, Q’S
Serial outputs
4, 5, 6, 7, 14, 13, 12, 11
Q1 to Q8
Parallel outputs
15
OUTPUT ENABLE
Output enable input
8VSS
Negative supply voltage
16
VDD
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com