Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLC21 Datasheet(PDF) 2 Page - STMicroelectronics

Part # FLC21
Description  LOW POWER FIRE LIGHTER CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC21 Datasheet(HTML) 2 Page - STMicroelectronics

  FLC21 Datasheet HTML 1Page - STMicroelectronics FLC21 Datasheet HTML 2Page - STMicroelectronics FLC21 Datasheet HTML 3Page - STMicroelectronics FLC21 Datasheet HTML 4Page - STMicroelectronics FLC21 Datasheet HTML 5Page - STMicroelectronics FLC21 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FLC21 FAMILY
2/6
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
150
°C/W
THERMAL RESISTANCE
FLC
2
1
135
A
-
FIRE LIGHTER CIRCUIT
CIRCUIT NUMBER:
SCR + diode + Zener + Resistance
ITRM = 90A
PACKAGE A: TO92
135: V
= 135V
65: V
= 65V
RM
RM
ORDERING INFORMATION
Symbol
Parameter
Value
Unit
ITRM
Repetitive surge peak on state current for thyristor
-30
°C ≤ Tamb ≤ 120°C
tp = 10
µs
( note 1)
90
A
IFRM
Repetitive surge peak on state current for diode
-30
°C ≤ Tamb ≤ 120°C
dI/dt
Critical rate of rise on state current -30
°C ≤ Tamb ≤ 120°C
50
A/
µs
Tstg
Tj
Storage junction temperature range
Maximum junction temperature
- 40 to + 150
125
°C
Tamb
Operating temperature range
- 30 to + 120
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
Note 1 : Test current waveform
ABSOLUTE RATINGS (limiting values)
100ms
10
µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com