Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLC21 Datasheet(PDF) 3 Page - STMicroelectronics

Part # FLC21
Description  LOW POWER FIRE LIGHTER CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC21 Datasheet(HTML) 3 Page - STMicroelectronics

  FLC21 Datasheet HTML 1Page - STMicroelectronics FLC21 Datasheet HTML 2Page - STMicroelectronics FLC21 Datasheet HTML 3Page - STMicroelectronics FLC21 Datasheet HTML 4Page - STMicroelectronics FLC21 Datasheet HTML 5Page - STMicroelectronics FLC21 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FLC21 FAMILY
3/6
Symbol
Parameters
VRM
Stand-off voltage
VBO
Breakover voltage
VT
On-state voltage
VF
Diode forward voltage drop
IBO
Breakover current
IRM
Leakage current
αT
Temperature coefficient for VBO
ELECTRICAL CHARACTERISTICS
I
I
F
VF
V
T
IRM
IBO
I T
V
V
BO
V
RM
Symbol
Test Conditions
Value
Unit
VF
IF =1A
tp
≤ 500µsTj = 25°C
Max.
1.7
V
DIODE (D) PARAMETER
Symbol
Test conditions
Value
Unit
FLC21-65A
FLC21-135A
Min.
Typ. Max. Min. Typ. Max.
IRM
VRM = 65V for FLC21-65A
Tj = 25
°C1
1
µA
VRM = 135V for FLC21-135A
Tj = 125
°C10
10
µA
VBO
at IBO
Tj = 25
°C
70
80
140
160
V
IBO
at VBO
Tj = 25
°C
500
500
µA
VT
IT =2A
tp
≤ 500µsTj = 25°C
1.7
1.7
V
αT
0.07
0.16
V/
°C
THYRISTOR (Th) and ZENER (Z) PARAMETERS
-20
0
20406080
100
0
0.5
1
1.5
2
2.5
Tj (
°C)
k = I
(Tj) / I
(25
°C)
BO
BO
Fig.1: Relative variation of breakover current
versus junction temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com