Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLC21 Datasheet(PDF) 1 Page - STMicroelectronics

Part # FLC21
Description  LOW POWER FIRE LIGHTER CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC21 Datasheet(HTML) 1 Page - STMicroelectronics

  FLC21 Datasheet HTML 1Page - STMicroelectronics FLC21 Datasheet HTML 2Page - STMicroelectronics FLC21 Datasheet HTML 3Page - STMicroelectronics FLC21 Datasheet HTML 4Page - STMicroelectronics FLC21 Datasheet HTML 5Page - STMicroelectronics FLC21 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
Application Specific Discretes
A.S.D.TM
FLC21 FAMILY
®
Jun 2000 - Ed: 4D
LOW POWER
FIRE LIGHTER CIRCUIT
The FLC21 series have been developed especially
for capacitance discharge operation. The main
applications are: fuel ignitor, fuel or gas heater,
gas range, cook top, barbecue, water heater,
HVAC, portable ignitor, insect killers.
It uses a high performance planar diffused
technology device adapted to high temperature in
rugged environmental conditions.
The typical supply of the FLC21 fire lighter circuit is
a DC battery or the AC mains.
Th: Thyristor for the switching operation.
Z: Zener diode to set the igniting threshold voltage.
D: Diode for the reverse conduction.
R: 2k
Ω resistor.
DESCRIPTION
Z
R
D
Th
pin 3
pin 1
pin 2 not connected
FUNCTIONAL DIAGRAM
TO92
(Plastic)
n
DEDICATED THYRISTOR STRUCTURE FOR
CAPACITIVE
DISCHARGE
IGNITION
OPERATION
n
HIGH PULSE CURRENT CAPABILITY
IFRM = 90A @ tp = 10
µS
n
AC OR DC OPERATION CAPABILITY WITH
SUPPLY FROM THE AC MAINS OR A DC
BATTERY.
FEATURES
1
2
3
n
SPACE SAVING THANKS TO MONOLITHIC
FUNCTION INTEGRATION
n
H I G H
R E LI ABI LI T Y
W I T H
PLAN AR
TE CHNO L O G Y
BENEFITS
DEVICE
TYPE
APPLICATION
MODE
FLC21-135A
BATTERY
OPERATION
Ignition
FLC21-65A
100V Mains
Ignition


Similar Part No. - FLC21

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FLC21-135A STMICROELECTRONICS-FLC21-135A Datasheet
73Kb / 6P
LOW POWER FIRE LIGHTER CIRCUIT
Jul-2003
More results

Similar Description - FLC21

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CHARLIE STMICROELECTRONICS-CHARLIE Datasheet
76Kb / 3P
CIGAR LIGHTER ADAPTER
Jan-2000
FLC01-200D STMICROELECTRONICS-FLC01-200D Datasheet
57Kb / 7P
FIRE LIGHTER CIRCUIT
Oct-1999
FLC02-200D STMICROELECTRONICS-FLC02-200D Datasheet
70Kb / 7P
FIRE LIGHTER CIRCUIT
Feb-1996
FLC10-200H STMICROELECTRONICS-FLC10-200H Datasheet
54Kb / 7P
FIRE LIGHTER CIRCUIT
Jun-2000
FLC01-200H STMICROELECTRONICS-FLC01-200H Datasheet
128Kb / 8P
FIRE LIGHTER CIRCUIT
Apr-2002
FLC10-200B STMICROELECTRONICS-FLC10-200B Datasheet
122Kb / 8P
FIRE LIGHTER CIRCUIT
Oct-2001
FLC01-200X STMICROELECTRONICS-FLC01-200X Datasheet
115Kb / 8P
FIRE LIGHTER CIRCUIT
Apr-2002
FLC21-135A STMICROELECTRONICS-FLC21-135A Datasheet
73Kb / 6P
LOW POWER FIRE LIGHTER CIRCUIT
Jul-2003
FLC01 STMICROELECTRONICS-FLC01 Datasheet
318Kb / 11P
Fire lighter circuit
27-May-2014
logo
SHENZHEN FUMAN ELECTRON...
FM7011GB FUMAN-FM7011GB Datasheet
236Kb / 4P
Electronic cigarette lighter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com