Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLC21 Datasheet(PDF) 5 Page - STMicroelectronics

Part # FLC21
Description  LOW POWER FIRE LIGHTER CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC21 Datasheet(HTML) 5 Page - STMicroelectronics

  FLC21 Datasheet HTML 1Page - STMicroelectronics FLC21 Datasheet HTML 2Page - STMicroelectronics FLC21 Datasheet HTML 3Page - STMicroelectronics FLC21 Datasheet HTML 4Page - STMicroelectronics FLC21 Datasheet HTML 5Page - STMicroelectronics FLC21 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FLC21 FAMILY
5/6
RS RESISTANCE CALCULATION
The Rs resistance allows, in addition with the
capacitance C, to adjust the spark frequency and
to limit the current supplied by the mains. This
resistance allows the thyristor triggering in any
requested cases. In worst cases, the system must
fire when the a.c. line voltage is minimum while the
breakdown voltage VBO and the current IBO of the
FLC are maximum.
The maximum Rs value is equal to:
Rs
VV
T T
kI
AC
BO
amb
BO
max
(
min.
)
[
max .(
.(
))]
.*
=
−+
−
21
25
α
* : see fig 1
10
12
15
18
22
27
33
39
47
10
20
30
50
F (Hz)
Rs (k )
Ω
Vac=100Vrms, Vbo=75V, Tamb=25
°C
C=1
F
µ
C=1
F
µ
C=1.5
F
µ
C=1.5
F
µ
C=2.2
F
µ
C=2.7
F
µ
C=3.3
F
µ
FLC21-65A
10
12
15
18
22
27
33
39
47
10
20
30
50
FLC21-135A
Vdc=300V, Vbo=150V, Tamb=25
°C
F (Hz)
Rs (k )
Ω
C=3.3
F
µ
C=2.7
F
µ
C=2.2
F
µ
C=1
F
µ
C=1
F
µ
C=1.5
F
µ
C=1.5
F
µ
Fig. 4: Spark frequency versus Rs and C
The couple Rs/C can be chosen with the previous
curve. Keep in mind the Rs maximum limit for
which the system would not work when the AC
mains is minimum.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com