Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-P15-A Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS-P15-A
Description  BIDIRECTIONALDATA LINE PROTECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-P15-A Datasheet(HTML) 1 Page - STMicroelectronics

  GS-P15-A Datasheet HTML 1Page - STMicroelectronics GS-P15-A Datasheet HTML 2Page - STMicroelectronics GS-P15-A Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GS-P15-A
BIDIRECTIONAL DATA LINE PROTECTOR
December 1993
1/3
DESCRIPTION
The GS-P15-A is a Bidirectional Data Line Protec-
tion System against EOS (Electrical Over Stress)
and ESD (Electrical Static Discharge).
This subminiature male/female connector, de-
signed both for EIA RS232C and V24 with 15 lines,
shunts to ground hazardous overvoltages induced
on an EIA cable.
Figure 1. Block diagram


Similar Part No. - GS-P15-A

ManufacturerPart #DatasheetDescription
logo
GaN Systems Inc.
GS-065-004-1-L GAN-GS-065-004-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-004-6-L GAN-GS-065-004-6-L Datasheet
786Kb / 16P
700 V E-mode GaN transistor Datasheet
Rev 240328
GS-065-008-1-L GAN-GS-065-008-1-L Datasheet
1Mb / 16P
650 V E-mode GaN transistor
Rev 220712
GS-065-008-6-L GAN-GS-065-008-6-L Datasheet
801Kb / 16P
700 V E-mode GaN transistor Datasheet
Rev 240328
GS-065-008-6-L-MR GAN-GS-065-008-6-L-MR Datasheet
801Kb / 16P
700 V E-mode GaN transistor Datasheet
Rev 240328
More results

Similar Description - GS-P15-A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L Datasheet
57Kb / 8P
Dual Line CAN Bus Protector
September, 2004 ??Rev. 1
logo
Bourns Electronic Solut...
TISP4A270H3BJ BOURNS-TISP4A270H3BJ Datasheet
236Kb / 11P
LCAS R LINE Protector
logo
Protek Devices
422B PROTEC-422B Datasheet
439Kb / 5P
DATA PROCESS LINE PROTECTOR
232B PROTEC-232B_12 Datasheet
439Kb / 5P
INDUSTRIAL COMPUTER DATA LINE PROTECTOR
422B PROTEC-422B_12 Datasheet
440Kb / 5P
DATA PROCESS LINE PROTECTOR
422ELC PROTEC-422ELC_12 Datasheet
422Kb / 5P
DIGITAL PROCESS DATA LINE PROTECTOR
logo
ON Semiconductor
NUP2115L ONSEMI-NUP2115L Datasheet
112Kb / 5P
Dual Line FlexRay Bus Protector
April, 2013 ??Rev. 0
logo
Shanghai Leiditech Elec...
SDA24CDT3 LEIDITECH-SDA24CDT3 Datasheet
127Kb / 3P
DUAL LINE CAN BUS PROTECTOR
logo
Rectron Semiconductor
RSM24M RECTRON-RSM24M Datasheet
258Kb / 4P
Dual Line CAN Bus Protector
logo
Guangdong Youtai Semico...
NUP2105L UMW-NUP2105L Datasheet
397Kb / 4P
Dual Line CAN Bus Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com