Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R1012 Datasheet(PDF) 3 Page - STMicroelectronics

Part # GS-R1012
Description  120W STEP-DOWN SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R1012 Datasheet(HTML) 3 Page - STMicroelectronics

  GS-R1012 Datasheet HTML 1Page - STMicroelectronics GS-R1012 Datasheet HTML 2Page - STMicroelectronics GS-R1012 Datasheet HTML 3Page - STMicroelectronics GS-R1012 Datasheet HTML 4Page - STMicroelectronics GS-R1012 Datasheet HTML 5Page - STMicroelectronics GS-R1012 Datasheet HTML 6Page - STMicroelectronics GS-R1012 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
Dimensions in mm (inches).
CONNECTION DIAGRAM AND MECHANICAL DATA
PIN DESCRIPTION
Pin
Function
Description
1
GND Input
Return for input voltage source. Internally connected to pin 10,11.
2
Inhibit
The converter is ON (Enable) when this pin is unconnected or the voltage applied is lower
than 1.2V. The converter is OFF (Inhibit) for a control voltage in the range of 2 to 24V.
3
+ Vin
DC Input voltage; recommended maximum voltage is 36V.
External capacitor between pin 3 and pin 1 is mandatory; recommended value is
1000
µF/50V for switching application.
4,5
+ Vout
+12V output voltage.
6
+ Sense
Senses the remote load high side. To be connected to pin 4,5 when remote sense is not
used.
7
Sync
Synchronization output. See figures 1,2,3,4. Take care to leave the pin open when is not
used.
8
Parallel
Parallel output. See figures 1,2,3,4. Take care to leave the pin open when is not used.
9
- Sense
Senses the remote load return. To be connected to pin 10,11 when remote sense is not
used. In parallel configuration, take care to connect all -S pins together (see figures 1,2,3,4).
10,11
GND Output
Return for output current path. Internally connected to pin 1.
GS-R1012



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com