Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R1012 Datasheet(PDF) 4 Page - STMicroelectronics

Part # GS-R1012
Description  120W STEP-DOWN SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R1012 Datasheet(HTML) 4 Page - STMicroelectronics

  GS-R1012 Datasheet HTML 1Page - STMicroelectronics GS-R1012 Datasheet HTML 2Page - STMicroelectronics GS-R1012 Datasheet HTML 3Page - STMicroelectronics GS-R1012 Datasheet HTML 4Page - STMicroelectronics GS-R1012 Datasheet HTML 5Page - STMicroelectronics GS-R1012 Datasheet HTML 6Page - STMicroelectronics GS-R1012 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
USER NOTES
Input Voltage
The recommended operating maximum DC input
voltage is 36V inclusive of the ripple voltage. The
use of an external low ESR, high ripple current
capacitor located as close the module as possible
is mandatory; recommended value is 1000
µF/50V.
Softstart
To avoid heavy inrush current the output voltage
rise time is typically 15ms in any condition of load.
Remote Sensing
The remote voltage sense compensation range is
for a total drop of 500mV equally shared between
the load connecting wires. It is a good practice to
shield the sensing wires to avoid oscillations. See
the connection diagram on figures 1, 2, 3, 4.
Parallel Operation
To increase available output regulated power, the
module features the parallel connection possibility
with equal current sharing and maximum deviation
of 10% (two modules in parallel). See the connec-
tion diagram on figures 1, 2, 3, 4.
Module Protection
The module is protected against occasional and
permanent shortcircuits of the output pins to
ground, as well as against output current overload.
It uses a current limiting protection circuitry, avoid-
ing latch-up problems with certain types of loads.
Figure 1.
Figure 2.
GS-R1012



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com