Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R1012 Datasheet(PDF) 5 Page - STMicroelectronics

Part # GS-R1012
Description  120W STEP-DOWN SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R1012 Datasheet(HTML) 5 Page - STMicroelectronics

  GS-R1012 Datasheet HTML 1Page - STMicroelectronics GS-R1012 Datasheet HTML 2Page - STMicroelectronics GS-R1012 Datasheet HTML 3Page - STMicroelectronics GS-R1012 Datasheet HTML 4Page - STMicroelectronics GS-R1012 Datasheet HTML 5Page - STMicroelectronics GS-R1012 Datasheet HTML 6Page - STMicroelectronics GS-R1012 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
Thermal characterist ics: how to choose the
heat-sink
Sometimes the GS-R1012 requires an external
heat-sink depending both operating temperature
conditions and power.
Before entering into calculations details, some ba-
sic concepts will be explained to better understand
the problem.
The thermal resistance between two points is rep-
resented by their temperature difference in front of
a specified dissipated power, and it is expressed in
Degree Centigrade per Watt (
°C/W).
For GS-R1012 the thermal resistance case to am-
bient is 7.5
°C/W. This means that an internal power
dissipation of 1W will bring the case temperature at
7.5
°C above the ambient temperature.
The maximum case temperature to which the mod-
ule provides 10A is 75
°C (see fig. 6).
Let’s suppose to have a GS-R1012 that delivers a
load current of 10A at an ambient temperature of
40
°C.
The dissipated power in this operating condition is
about 10.4W (at typical efficiency of 92%), and the
case temperature of the module will be:
TCase
= TAmb + Pd × Rth
= 40 + 10.4 × 7.5 = 118°C
This value exceeds the maximum allowed tempera-
ture and an external heat-sink must be added. To
this purpose four holes (see mechanical drawing)
are provided on the metal surface of the module.
To calculate this heat-sink, let’s first determine what
the total thermal resistance should be.
Rth
= TCaseMAX − Tamb
Pd
= 75 40
10.4
= 3.37°C/ W
This value is the resulting value of the additional
heatsink thermal resistance.
Figure 3.
Figure 4.
GS-R1012



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com