Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-R1012 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS-R1012
Description  120W STEP-DOWN SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-R1012 Datasheet(HTML) 1 Page - STMicroelectronics

  GS-R1012 Datasheet HTML 1Page - STMicroelectronics GS-R1012 Datasheet HTML 2Page - STMicroelectronics GS-R1012 Datasheet HTML 3Page - STMicroelectronics GS-R1012 Datasheet HTML 4Page - STMicroelectronics GS-R1012 Datasheet HTML 5Page - STMicroelectronics GS-R1012 Datasheet HTML 6Page - STMicroelectronics GS-R1012 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GS-R1012
120W STEP-DOWN SWITCHING REGULATOR
June 1994
1/7
Type
Vi
Vo
Io
GS-R1012
18 to 36 V
12 V
10 A
FEATURES
Wide input voltage range (18 to 36V)
High efficiency (90% min.)
Parallel operation with current sharing
Synchronization
Remote inhibit/enable
Remote load voltage sense
Output short-circuit protection
Soft-start
PCB or chassis mountable
DESCRIPTION
The GS-R1012 is a step-down switching voltage
regulator suitable to provide 12V/10A output volt-
age from a wide input voltage range (18 to 36V).
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi
DC Input Voltage
40
V
Viinh
High Inhibit voltage
28
V
Tstg
Storage Temperature Range
– 20 to +105
°C
Tcop
Operating Case Temperature Range
0 to +75
°C


Similar Part No. - GS-R1012

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R1005 STMICROELECTRONICS-GS-R1005 Datasheet
87Kb / 7P
50W STEP-DOWN SWITCHING REGULATOR
Jun-1994
More results

Similar Description - GS-R1012

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
Step-down Switching Regulator
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
Step-down Switching Regulator
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
Step-Down Switching Regulator
logo
ON Semiconductor
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
Step-down Switching Regulator
April, 2008 - Rev. 0
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
Step-down Switching Regulator
October, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com