Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8804 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM8804
Description  PWM peak current mode controller for PoE and telecom systems
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8804 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM8804 Datasheet HTML 6Page - STMicroelectronics PM8804 Datasheet HTML 7Page - STMicroelectronics PM8804 Datasheet HTML 8Page - STMicroelectronics PM8804 Datasheet HTML 9Page - STMicroelectronics PM8804 Datasheet HTML 10Page - STMicroelectronics PM8804 Datasheet HTML 11Page - STMicroelectronics PM8804 Datasheet HTML 12Page - STMicroelectronics PM8804 Datasheet HTML 13Page - STMicroelectronics PM8804 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Electrical specifications
PM8804
10/27
DocID031629 Rev 1
Soft-start / soft-stop
TSS
Soft-start time
CSS = 33 nF; over CTL full
range (0.7 V to 1.7 V)(3)
-16.5
-
ms
ISS_PRECHARGE
Soft-start pre-charge
current
From SS = 0 V to SS = 0.7 V
8
10
12
A
TSS_PRECHARGE
Soft-start pre-charge
delay
From SS = 0 V to SS = 0.7 V;
CSS = 33 nF(3)
-2.3
-
ms
ISS_CHARGE
Soft-start
charge/discharge
current
For SS > 0.7 V
1.3
2
2.7
A
ISS_DISCHARGE
Soft off discharge
current
From CTL set point to 0.7 V
6.5
10
13.5
A
Blanking time BLK
-
Blanking time
RBLK = 20 k
-15
-
ns
RBLK = 390 k(3)
-
195
-
ns
-
BLK voltage
-
1.20
1.25
1.30
V
Current limit CS
-
Delay to output
(3)
-20
-
ns
OC1TH
Cycle by cycle current
Limit threshold voltage
-
0.22
0.25
0.28
V
OC2TH
4-times retry current
Limit threshold voltage
-
0.32
0.35
0.38
V
-
Slope compensation
peak current
Sourced by CS pin at 80% duty
cycle
17
21.5
26
µA
PWM comparator CTL
-
Delay to output
Guaranteed by design
-
25
-
ns
-
Minimum duty cycle
CTL = 0, CS = 0
-
-
0
%
-
Maximum duty cycle
CTL = 2 V, CS = 0,
FOSC = 250 kHz
75
80
85
%
-
CTL to PWM gain
(3)
-1:4
-
-
-
CTL operative range
(3)
0.7
-
1.7
V
-
Internal CTL pull-up
resistance
To internal 3V3 ref. voltage
3
3.3
3.8
k
Table 5. Electrical characteristic(1) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com