Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8804 Datasheet(PDF) 25 Page - STMicroelectronics

Part # PM8804
Description  PWM peak current mode controller for PoE and telecom systems
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8804 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PM8804 Datasheet HTML 19Page - STMicroelectronics PM8804 Datasheet HTML 20Page - STMicroelectronics PM8804 Datasheet HTML 21Page - STMicroelectronics PM8804 Datasheet HTML 22Page - STMicroelectronics PM8804 Datasheet HTML 23Page - STMicroelectronics PM8804 Datasheet HTML 24Page - STMicroelectronics PM8804 Datasheet HTML 25Page - STMicroelectronics PM8804 Datasheet HTML 26Page - STMicroelectronics PM8804 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
DocID031629 Rev 1
25/27
PM8804
Package information
27
Figure 15. VFQFPN 3.0x3.0x1.0 16L 0.5 mm pitch recommended footprint
Note:
This footprint is able to ensure insulation up to 30 Vrms (according to CEI IEC-664-1).
The device must be positioned within
0.02 A B.
Table 7. VFQFPN 3.0x3.0x1.0 16L 0.5 mm pitch mechanical data
Symbol
Dimensions (mm)
Min.
Nom.
Max.
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
A3
0.20 REF.
b
0.20
0.25
0.30
D
3.00 BSC
D1
1.50 BSC
D2
1.70
1.80
1.90
e
0.50 BSC
E
3.00 BSC
E1
1.50 BSC
E2
1.70
1.80
1.90
L
0.30
0.40
0.50
k0.20
-
-
N16
6
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com