Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8804 Datasheet(PDF) 15 Page - STMicroelectronics

Part # PM8804
Description  PWM peak current mode controller for PoE and telecom systems
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8804 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PM8804 Datasheet HTML 11Page - STMicroelectronics PM8804 Datasheet HTML 12Page - STMicroelectronics PM8804 Datasheet HTML 13Page - STMicroelectronics PM8804 Datasheet HTML 14Page - STMicroelectronics PM8804 Datasheet HTML 15Page - STMicroelectronics PM8804 Datasheet HTML 16Page - STMicroelectronics PM8804 Datasheet HTML 17Page - STMicroelectronics PM8804 Datasheet HTML 18Page - STMicroelectronics PM8804 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
DocID031629 Rev 1
15/27
PM8804
Applications information
27
As for delay time, a resistor must always be connected to BLK pin, otherwise the device
operation will be stopped. Values for DT and BLK must be selected to be compatible with
the selected switching frequency; this constraint becomes more critical for high switching
frequencies due to the reduced duration of pulses.
The following relation con be used as a general “rule of thumb”:
Equation 3
2 · DT + BLK ≤ 10% · TSW
In case of FSW = 500 KHz, TSW is 2 µs and assuming a duty cycle of 50%, the clock pulse
lasts 1 µs. In order to satisfy Equation 3, two possible combination of DT and BLK are:
1.
DT = 30 ns, BLK = 30 ns
2.
DT = 20 ns, BLK = 50 ns
5.4
Soft-start / soft-stop and SS pin
The soft-start feature allows the output voltage to ramp-up in a safe and controlled way.
At the startup of the converter, the input voltage of the PWM comparator (CTL pin) is
clamped to the SS pin voltage, which is progressively ramped-up until it reaches the
regulation voltage. This results in a converter duty cycle increasing from zero to the
operative value.
The voltage ramp on SS pin is achieved by charging an external CSS capacitor connected
to the pin with a 2 µA internal current source.
Taking into account that the output voltage will start to rise only when the CTL voltage is
higher than 0.7 V, the effective duration of the output voltage soft-start ramp can be
estimated with the following formula:
Equation 4
The CTL voltage level depends on many factors: the topology, the converter working mode
and the output capacitance. Typical values are in the range from 1 to 2 V. Assuming a mean
value of CTL = 1.5 V and considering CSS = 33 nF, the resulting soft-start time will be about
13 mS.
Typical values for CSS are in the range 10 nF to 100 nF.
At the start-up, the baseline of 0.7 V on CTL is reached charging the soft-start capacitor with
a 10
A current source. After the start-up phase, the SS voltage level is actively maintained
at 2.3 V by an internal control circuitry, which also manages overcurrent and fault conditions.
In case of normal shutdown or thermal fault, the device features a soft-stop procedure. The
soft-stop helps to reduce the stress and the overvoltages on the power MOSFET and it is
achieved discharging slowly the soft-start capacitor with a 10
A current sink.
Except for thermal protection, the soft-stop is not applied for all the other fault conditions.
A summary is reported in Table 6. The soft-stop can be disabled connecting the MODE pin
to AGND.
tSS ms

CSS nF
 CTL V
 0.7 V

–

2
A

-------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com