Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8804 Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM8804
Description  PWM peak current mode controller for PoE and telecom systems
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8804 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM8804 Datasheet HTML 10Page - STMicroelectronics PM8804 Datasheet HTML 11Page - STMicroelectronics PM8804 Datasheet HTML 12Page - STMicroelectronics PM8804 Datasheet HTML 13Page - STMicroelectronics PM8804 Datasheet HTML 14Page - STMicroelectronics PM8804 Datasheet HTML 15Page - STMicroelectronics PM8804 Datasheet HTML 16Page - STMicroelectronics PM8804 Datasheet HTML 17Page - STMicroelectronics PM8804 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Applications information
PM8804
14/27
DocID031629 Rev 1
5.3
Delay time and blanking time: DT and BLK pins
The delay between the rising edge of GAT2 and GAT1 waveforms can be set by connecting
a programming resistor RDT between the pins DT and AGND.
The relationship between the delay time and the RDT resistor is:
Equation 2
The same delay time is set between the GAT1 falling edge and the subsequent GAT2 falling
edge.
The useful range for RDT is from 20 k to 390 k. A resistor must always be connected to
this pin, otherwise the device operation will be stopped.
Figure 5. Timing relationship of DT and BLK signals as a function of RDT/RBLK
The blanking time can be set by connecting a resistor RBLK between the pins BLK and
AGND.
Equation 2 is valid as well for blanking time, where resistor RDT is replaced with resistor
RBLK and tdelay with tblanking.
This internal blanking time is introduced to prevent false overcurrent detection on the rising
edge of GAT1 waveform. The masking logic is activated at the turn-on of the primary side
MOSFET for a duration up to 200 ns.
The useful range for RBLK is between 20 k and 390 k.
tdelay ns

0.6 pC
 R
DT k

1.25 V

-------------------------------------------------- 4ns

+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com