Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABCIRPSE20FS Datasheet(PDF) 6 Page - TT Electronics.

Part # ABCIRPSE20FS
Description  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRPSE20FS Datasheet(HTML) 6 Page - TT Electronics.

Back Button ABCIRPSE20FS Datasheet HTML 2Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 3Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 4Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 5Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 6Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 7Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 8Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 9Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 10Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
ABCIRP
4
Technical information
ABCIRP
Service Rating
Sea Level
A
D
Working voltage
DC or AC Peak
700 V
1,250 V
Voltage Proof
AC RMS
2,000 V
2,800 V
Minimum Flashover
AC RMS
2,800 V
3,600 V
Contact Size
AWG
*Maximum Current
@ 20˚C
* Rated Current
@ 85˚C
** De-rated Current
@ 85˚C
16
22A
13A
10A
12
41A
23A
20A
8
73A
46A
42A
* Single contact in isolation
** Grouped contacts
Contact Arrangement Service Rating
Contact Arrangement Service Rating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com