Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABCIRPSE20FS Datasheet(PDF) 36 Page - TT Electronics.

Part # ABCIRPSE20FS
Description  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRPSE20FS Datasheet(HTML) 36 Page - TT Electronics.

Back Button ABCIRPSE20FS Datasheet HTML 32Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 33Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 34Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 35Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 36Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 37Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 38Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 39Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 40Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
Panel Mounting Details
34
www.ttabconnectors.com
ABCIRP
receptacle mounting detail
Shell Size
Ød3
Ød4
V
ØW
ØW1
X
18
3.40
4.50
38.30
26.00
31.18
27.00
20
41.70
30.00
34.58
29.40
22
45.20
33.00
37.78
31.80
24
3.90
48.70
36.00
41.28
34.90
28
5.50
55.50
42.00
47.08
39.70
32
4.50
62.40
48.50
53.78
44.50
36
69.00
55.00
59.98
49.20
40
75.00
59.10
66.40
55.50
Note: When fixed connectors are used with threaded mounting holes, refer to hole sizes in column Ød4.
front mounting receptacle
rear mounting receptacle
(see note)
(see note)
Min
Max
18
49.55
33.70
4.80
47.85
39.70
1x 20UNEF
16.80
2.40
9.00
15.85
48.85
35.23
33.58
20
49.55
33.70
4.80
51.05
44.00
11/8 x 18UNEF
18.00
2.40
9.00
15.85
52.05
38.43
36.68
22
49.55
33.70
4.80
54.45
46.00
11/4 x 18UNEF
20.20
2.40
9.10
15.75
55.45
41.56
39.88
24
49.55
33.70
4.80
57.45
50.80
13/8 x 18UNEF
20.20
2.40
9.10
15.75
58.45
44.78
43.18
28
52.15
35.20
5.60
63.75
55.00
15/8 x 18UNEF
22.50
2.40
8.50
15.75
65.25
51.13
49.37
32
52.15
35.20
5.60
70.05
62.00
17/8 x 18UNEF
24.70
2.40
8.50
15.75
71.55
57.48
55.78
36
52.15
35.20
5.60
76.45
71.00 21/16 x 18UNEF
26.90
2.40
8.30
15.75
77.95
63.83
62.18
40
52.15
35.20
5.60
83.75
75.00 25/16 x 18UNEF
29.60
2.40
8.30
15.75
85.25
70.18
68.38
K
FThreadDia.
Class 2A
G
P
OmMin
Overlap
Mated
Hctrs.
J
E
Shell Size AMax
B
C
DMax
Panel Mounting Details
G
D
B
C
A
P - Panel Thickness
Om
H ctrs.
J
Hole
centres
ØJ
K
48.85
35.23
33.58
52.05
38.43
36.68
55.45
41.56
39.88
58.45
44.78
43.18
65.25
51.13
49.37
71.55
57.48
55.78
77.95
63.83
62.18
85.25
70.18
68.38
Shell Size
Ød3
Ød4
V
ØW
ØW1
X
18
3.40
4.50
38.30
26.00
31.18
27.00
20
41.70
30.00
34.58
29.40
22
45.20
33.00
37.78
31.80
24
3.90
48.70
36.00
41.28
34.90
28
5.50
55.50
42.00
47.08
39.70
32
4.50
62.40
48.50
53.78
44.50
36
69.00
55.00
59.98
49.20
40
75.00
59.10
66.40
55.50
ABCIRP
34
receptacle mounting detail
ABCIRP
Shell Size
Hole centres
ØJ
K
H
18
48.85
35.23
33.58
48.85
20
52.05
38.43
36.68
52.05
22
55.45
41.56
39.88
55.45
24
ness58.45
44.78
43.18
58.45
28
65.25
51.13
49.37
65.25
32
71.55
57.48
55.78
71.55
36
77.95
63.83
62.18
77.95
40
85.25
70.18
68.38
85.25
front mounting receptacle
rear mounting receptacle
Note: When fixed connectors are used with plugs having rubber coupling nuts, please consult factory for panel
cut-out dimensions.
When fixed connectors are used with threaded mounting holes, refer to hole sizes in column Ød4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com