Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABCIRPSE20FS Datasheet(PDF) 19 Page - TT Electronics.

Part # ABCIRPSE20FS
Description  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRPSE20FS Datasheet(HTML) 19 Page - TT Electronics.

Back Button ABCIRPSE20FS Datasheet HTML 15Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 16Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 17Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 18Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 19Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 20Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 21Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 22Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 23Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
17
ABCIRP
plug connector (style ‘T’ less accessories)
ABCIRP
Note: All plug connectors are EMI/RFI versions.
Shell Size
C Max
E Max
ØF Thread
Class 2A
ØG
H
Om Min Over-
lap Mated
18
37.30
24.00
1’’ x 20 UNEF
18.30
46.25
15.85
20
40.70
1
1/8’’ x 18 UNEF
20.50
22
44.20
1
1/4’’ x 18 UNEF
24.60
24
47.70
1
3/8’’ x 18 UNEF
27.00
15.75
28
54.50
1
5/8’’ x 18 UNEF
32.50
32
61.40
27.00
1
7/8’’ x 16 UN
35.80
36
68.00
2
1/16’’ x 16 UNS
42.50
40
74.00
2
5/16’’ x 16 UN
48.50
ABCIRPSE06T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com