Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABCIRPSE20FS Datasheet(PDF) 7 Page - TT Electronics.

Part # ABCIRPSE20FS
Description  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRPSE20FS Datasheet(HTML) 7 Page - TT Electronics.

Back Button ABCIRPSE20FS Datasheet HTML 3Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 4Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 5Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 6Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 7Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 8Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 9Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 10Page - TT Electronics. ABCIRPSE20FS Datasheet HTML 11Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
5
ABCIRP
Part number explanation
ABCIRP
AB-
CIRP
03
LBN
22
14
GPS
P
FS
****
VO
N
Series
Prefix
Shell
Style
Acces-
sory
Type
Shell
Size
Contact
Arrangement
Grommet
Type
Contact Type
P=Pin S=Socket
Face
Seal
Modifica-
tion
Code
Contact
Supply
Insulator
Orienta-
tion
Series Prefix:
ABCIRP
Shell Style:
03
4 Hole Square flange receptacle, rear panel mounted.
SE06
Plug with RFI grounding
09
Single hole mounted receptacle
PSE06T
Plug with RFI grounding and rubber covered coupling nut
Accessory Type:
A
No rear threads and no accommodation for accessories
Shell styles 03
T
Rear threads for accessory accommodation
LBN
Locking Back Nut
SCHSA
Straight Conduit Heatshrink Adaptor
ECHSA
90°Conduit Heatshrink Adaptor
SHE#
Shell Extender
M - Metric thread
P - PG thread
SUA#
Step up adapter
M - Metric thread
P - PG thread
SDA#
Step down adapter
M - Metric thread
P - PG thread
Shell Size:
18 - 40
Contact Arrangement:
See page 12
Grommet Type:
As there is a choice of Wire Seal Grommet to suit varying cable diameters, this component may be
omitted from the part number and ordered as a separate item if required. Refer to page 9 for details.
Contact Type:
P = Pin
S = Socket
Face Seal:
Pin insulator only. When face seal is required, add ‘FS’ to part number.
Modification Code:
Issued for connector with non-standard feature. Consult factory for detail.
M6 - Tapped mounting holes.
Contact Supply:
Leave blank for connectors supplied with silver contacts
Add ‘P3’ for gold contacts.
Add ‘V0’ for connectors supplied without contacts.
Insulator Orientation:
Leave blank for connectors supplied in sub-assembly form. Add applicable orientation letter
(see page 14) if connectors are to be supplied factory assembled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com