Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAR Datasheet(PDF) 27 Page - Texas Instruments

Part # UCD3138RHAR
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RHAR Datasheet(HTML) 27 Page - Texas Instruments

Back Button UCD3138RHAR Datasheet HTML 23Page - Texas Instruments UCD3138RHAR Datasheet HTML 24Page - Texas Instruments UCD3138RHAR Datasheet HTML 25Page - Texas Instruments UCD3138RHAR Datasheet HTML 26Page - Texas Instruments UCD3138RHAR Datasheet HTML 27Page - Texas Instruments UCD3138RHAR Datasheet HTML 28Page - Texas Instruments UCD3138RHAR Datasheet HTML 29Page - Texas Instruments UCD3138RHAR Datasheet HTML 30Page - Texas Instruments UCD3138RHAR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 99 page
background image
9.3.1 CPU Memory Map and Interrupts
When the device comes out of power-on-reset, the data memories are mapped to the processor as follows:
Table 9-1. Memory Map (After Reset Operation)
Address
Size
Module
0x0000_0000 – 0x0000_FFFF
In 16 repeated blocks of 4K each
16 X 4K
Boot ROM
0x0001_0000 – 0x0001_7FFF
32K
Program flash
0x0001_8800 – 0x0001_8FFF
2K
Data flash
0x0001_9000 – 0x0001_9FFF
4K
Data RAM
Just before the boot ROM program gives control to FLASH program, the ROM configures the memory as
follows:
Table 9-2. Memory Map (Normal Operation)
Address
Size
Module
0x0000_0000 – 0x0000_7FFF
32K
Program flash
0x0001_0000 – 0x0001_AFFF
4K
Boot ROM
0x0001_8800 – 0x0001_8FFF
2K
Data flash
0x0001_9000 – 0x0001_9FFF
4K
Data RAM
Table 9-3. Memory Map (System and Peripherals Blocks)
Address
Size
Module
0x0002_0000 - 0x0002_00FF
256
Loop Mux
0x0003_0000 - 0x0003_00FF
256
Fault Mux
0x0004_0000 - 0x0004_00FF
256
ADC
0x0005_0000 - 0x0005_00FF
256
DPWM 3
0x0006_0000 - 0x0006_00FF
256
Filter 2
0x0007_0000 - 0x0007_00FF
256
DPWM 2
0x0008_0000 - 0x0008_00FF
256
Front End/Ramp I/F 2
0x0009_0000 - 0x0009_00FF
256
Filter 1
0x000A_0000 - 0x000A_00FF
256
DPWM 1
0x000B_0000 – 0x000B_00FF
256
Front End/Ramp I/F 1
0x000C_0000 - 0x000C_00FF
256
Filter 0
0x000D_0000 - 0x000D_00FF
256
DPWM 0
0x000E_0000 - 0x000E_00FF
256
Front End/Ramp I/F 0
0xFFF7_EC00 - 0xFFF7_ECFF
256
UART 0
0xFFF7_ED00 - 0xFFF7_EDFF
256
UART 1
0xFFF7_F000 - 0xFFF7_F0FF
256
Miscellaneous Analog Control
0xFFF7_F600 - 0xFFF7_F6FF
256
PMBus Interface
0xFFF7_FA00 - 0xFFF7_FAFF
256
GIO
0xFFF7_FD00 - 0xFFF7_FDFF
256
Timer
0xFFFF_FD00 - 0xFFFF_FDFF
256
MMC
0xFFFF_FE00 - 0xFFFF_FEFF
256
DEC
0xFFFF_FF20 - 0xFFFF_FF37
23
CIM
0xFFFF_FF40 - 0xFFFF_FF50
16
PSA
0xFFFF_FFD0 - 0xFFFF_FFEC
28
SYS
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com