Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAR Datasheet(PDF) 64 Page - Texas Instruments

Part # UCD3138RHAR
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RHAR Datasheet(HTML) 64 Page - Texas Instruments

Back Button UCD3138RHAR Datasheet HTML 60Page - Texas Instruments UCD3138RHAR Datasheet HTML 61Page - Texas Instruments UCD3138RHAR Datasheet HTML 62Page - Texas Instruments UCD3138RHAR Datasheet HTML 63Page - Texas Instruments UCD3138RHAR Datasheet HTML 64Page - Texas Instruments UCD3138RHAR Datasheet HTML 65Page - Texas Instruments UCD3138RHAR Datasheet HTML 66Page - Texas Instruments UCD3138RHAR Datasheet HTML 67Page - Texas Instruments UCD3138RHAR Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 99 page
background image
2 B – QB2
( EDGEGEN )
2 A – QT 2
( EDGEGEN )
0 B –
QSYN 2,4
1 B –
QSYN 1,3
X3
X2
Current
X1
Peak Level
3 A – QB1
( DPWM 1 C)
3 B – QT1
( DPWM 2 C)
Period Start
Period End
Chopping point
Chopping point
Y3
Y2
Y 1
Figure 10-7. Final 6 Gate Signals
Note how the falling edge of DPWM2AF aligns with the X1 edge, and how the rising edge of DPWM2BF aligns
with the X3 edge. The falling edges on DPWM2AF and DPWM3AF are caused by the peak detection logic. This
is fed through the Cycle By Cycle logic. The Cycle By Cycle logic also has a special feature to control the rising
edges of DPWM2BF (X1 and X3) and DPWM3BF (Y1 and Y3). It uses the value of Event3 – Event2 to control
the time between the edges. The same feature is used with DPWM0 and DPWM1 to control the X2 and Y2
signals. Using the other 2 DPWMs permits these signals to have a different dead time.
The same setup can be used for voltage mode control. In this case, the Filter output sets the timing of the falling
edge on DPWMxAF.
All DPWMs are configured in Normal mode, with CBC enabled. If external slope compensation is used,
DPWM1A and DPWM1B are used to reset the external compensator at the beginning of each half cycle. If
no PCMC event occurs, the values of Events 2 and 3 determine the locations of the edges, just as in open loop
mode.
10.2.2.6 System Initialization for PCM
PCM (Peak Current Mode) is a specialized configuration for the UCD3138x which involves several peripherals.
This section describes how it works across the peripherals.
10.2.2.6.1 Use of Front Ends and Filters in PSFB
All three front ends are used in PSFB. The same signals are used in the same places for both PCMC and
voltage mode. The same hardware can be used for both control modes, with the mode determined by which
firmware is loaded into the device. FE0 and FE1 are used with their associated filters, but Filter 2 is not used at
all.
FE0 – Vout – voltage loop
FE1 – Iout – current loop
FE2 – Ipri – PCM
In PCMC mode, FE2 is used for PCMC, and the voltage loop is normally used to provide the start point for the
compensation ramp. If the CPCC firmware detects a need for constant current mode, it switches to the current
loop for the start point.
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
64
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com