Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAR Datasheet(PDF) 56 Page - Texas Instruments

Part # UCD3138RHAR
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RHAR Datasheet(HTML) 56 Page - Texas Instruments

Back Button UCD3138RHAR Datasheet HTML 52Page - Texas Instruments UCD3138RHAR Datasheet HTML 53Page - Texas Instruments UCD3138RHAR Datasheet HTML 54Page - Texas Instruments UCD3138RHAR Datasheet HTML 55Page - Texas Instruments UCD3138RHAR Datasheet HTML 56Page - Texas Instruments UCD3138RHAR Datasheet HTML 57Page - Texas Instruments UCD3138RHAR Datasheet HTML 58Page - Texas Instruments UCD3138RHAR Datasheet HTML 59Page - Texas Instruments UCD3138RHAR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 99 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
The UCD3138x has an extensive set of fully-programmable, high-performance peripherals that make it suitable
for a wide range of power supply applications. In order to make the part easier to use, TI has prepared an
extensive set of materials to demonstrate the features of the device for several key applications. In each case
the following items are available:
1. Full featured EVM hardware that demonstrates classic power supply functionality.
2. An EVM user guide that contains schematics, bill-of-materials, layout guidance and test data showcasing the
performance and features of the device and the hardware.
3. A firmware programmers manual that provides a step-by-step walk through of the code.
Table 10-1. Application Information
APPLICATION
EVM DESCRIPTION
Phase shifted full
bridge
This EVM demonstrates a PSFB DC-DC power converter with digital control using the UCD3138x device. Control is
implemented by using PCMC with slope compensation. This simplifies the hardware design by eliminating the need
for a series blocking capacitors and providing the inherent input voltage feed-forward that comes from PCMC. The
controller is located on a daughter card and requires firmware in order to operate. This firmware, along with the entire
source code, is made available through TI. A free, custom function GUI is available to help the user experiment with
the different hardware and software enabled features. The EVM accepts a DC input from 350 VDC to 400 VDC, and
outputs a nominal 12 VDC with full load output power of 360 W, or full output current of 30 A.
LLC resonant
converter
This EVM demonstrates an LLC resonant half-bridge DC-DC power converter with digital control using the
UCD3138x device. The controller is located on a daughter card and requires firmware in order to operate. This
firmware, along with the entire source code, is made available through TI. A free, custom function GUI is available
to help the user experiment with the different hardware and software enabled features. The EVM accepts a DC input
from 350 VDC to 400 VDC, and outputs a nominal 12 VDC with full load output power of 340 W, or full output current
of 29 A.
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
56
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com