Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RHAR Datasheet(PDF) 83 Page - Texas Instruments

Part # UCD3138RHAR
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RHAR Datasheet(HTML) 83 Page - Texas Instruments

Back Button UCD3138RHAR Datasheet HTML 79Page - Texas Instruments UCD3138RHAR Datasheet HTML 80Page - Texas Instruments UCD3138RHAR Datasheet HTML 81Page - Texas Instruments UCD3138RHAR Datasheet HTML 82Page - Texas Instruments UCD3138RHAR Datasheet HTML 83Page - Texas Instruments UCD3138RHAR Datasheet HTML 84Page - Texas Instruments UCD3138RHAR Datasheet HTML 85Page - Texas Instruments UCD3138RHAR Datasheet HTML 86Page - Texas Instruments UCD3138RHAR Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 99 page
background image
– Dual Sample & Hold
• Miscellaneous Analog Controls (Current Sharing, Brown-Out, Clock-Gating)
• PMBUS Interface
• General Purpose Input Output (GPIO)
• Timer Modules
• PMBus
• Boot ROM & Boot Flash
– BootROM Function
– Memory Read/Write Functions
– Checksum Functions
– Flash Functions
– Avoiding Program Flash Lock-Up
• ARM7 Architecture
– Modes of Operation
– Hardware/Software Interrupts
– Instruction Set
– Dual State Inter-working (Thumb 16-bit Mode/ARM 32-bit Mode)
• Memory & System Module
– Address Decoder, DEC (Memory Mapping)
– Memory Controller (MMC)
– Central Interrupt Module
• Register Map for all of the above peripherals in UCD3138
2. Fusion Digital Power Studio for Isolated Power Applications – User Guide
In addition to the tools and documentation described above, for the most up to date information regarding
evaluation modules, reference application firmware and application notes/design tips, please visit http://
www.ti.com/product/ucd3138.
13.2 Documentation Support
For related documentation see the following:
13.2.1 References
1. UCD3138 Technical Reference Manual (SNIU028)
2. Fusion Digital Power Studio for Isolated Power Applications (SLUA676)
3. UCD3138 Digital Power Training Series Video Training
4. UCD3138 Family - Practical Design Guideline Applications Note, (SLUA779)
5. ARM7TDMI-S Technical Reference Manual
6. System Management Bus (SMBus) Specification
7. PMBus™ Power System Management Protocol Specification
13.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Subscribe to updates to register and receive a weekly digest of any product information that has changed. For
change details, review the revision history included in any revised document.
13.4 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
13.5 Trademarks
ARM7TDMI-S™ is a trademark of ARM.
PMBus™ is a trademark of SMIF, Inc..
TI E2E™ is a trademark of Texas Instruments.
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com