Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX134 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPAX134
Description  OPAx134 High-Performance, SoundPlus™ Audio Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX134 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPAX134 Datasheet HTML 3Page - Texas Instruments OPAX134 Datasheet HTML 4Page - Texas Instruments OPAX134 Datasheet HTML 5Page - Texas Instruments OPAX134 Datasheet HTML 6Page - Texas Instruments OPAX134 Datasheet HTML 7Page - Texas Instruments OPAX134 Datasheet HTML 8Page - Texas Instruments OPAX134 Datasheet HTML 9Page - Texas Instruments OPAX134 Datasheet HTML 10Page - Texas Instruments OPAX134 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
5.7 Electrical Characteristics
at TA = 25°C, VS = ±15V, RL = 2kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO PERFORMANCE
THD+N
Total harmonic distortion plus
noise
f = 1kHz, G = 1,
VO = 3Vrms
RL = 2kΩ
0.00008
%
RL = 600Ω
0.00015
Intermodulation distortion
f = 1kHz, G = 1, VO = 1VPP
–98
dB
Headroom(1)
THD < 0.01%, RL = 2kΩ, VS = 18V
21.3
dBu
FREQUENCY RESPONSE
GBW
Gain bandwidth product
8
MHz
SR
Slew rate(2)
±20
V/μs
Settling time
10V step, G = 1,
CL = 100pF
0.1%
0.7
μs
0.01%
1
FPBW
Full power bandwidth
1.3
MHz
Overload recovery time
VIN × G = VS
0.6
µs
NOISE
Input voltage noise
f = 20Hz to 20kHz
1.2
µVrms
en
Input voltage noise density
f = 1kHz
8
nV/√Hz
In
Input current noise density
f = 1kHz
3
fA/√Hz
OFFSET VOLTAGE
VOS
Input offset voltage
±1
±3.5
mV
TA = –40°C to +85°C
±1
dVOS/dT Input offset voltage drift
TA = –40°C to +85°C
±2
μV/°C
PSRR
Power-supply rejection ratio
5V ≤ VS ≤ 36V
90
106
dB
Channel separation (dual, quad)
DC, RL = 2kΩ
128
dB
f = 20kHz, RL = 2kΩ
126
INPUT BIAS CURRENT
IB
Input bias current(3)
±5
±100
pA
TA = –40°C to +85°C
See Section
5.8
±5
nA
IOS
Input offset current(3)
±2
±50
pA
INPUT VOLTAGE
VCM
Common-mode voltage
(V–) + 2.5
±13 (V+) – 3.5
V
CMRR
Common-mode rejection ratio
–12.5V ≤ VCM ≤ 11.5V
86
100
dB
TA = –40°C to +85°C
90
INPUT IMPEDANCE
Differential
1013 || 8
Ω || pF
Common-mode
–12.5V ≤ VCM ≤ 11.5V
1013 || 6
Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
RL = 10kΩ, –14.5V ≤ VO ≤ 13.8V
104
120
dB
RL = 2kΩ, –13.8V ≤ VO ≤ 13.5V
104
120
www.ti.com
OPA134, OPA2134, OPA4134
SBOS058B – DECEMBER 1997 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA134 OPA2134 OPA4134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com