Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX134 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPAX134
Description  OPAx134 High-Performance, SoundPlus™ Audio Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX134 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPAX134 Datasheet HTML 9Page - Texas Instruments OPAX134 Datasheet HTML 10Page - Texas Instruments OPAX134 Datasheet HTML 11Page - Texas Instruments OPAX134 Datasheet HTML 12Page - Texas Instruments OPAX134 Datasheet HTML 13Page - Texas Instruments OPAX134 Datasheet HTML 14Page - Texas Instruments OPAX134 Datasheet HTML 15Page - Texas Instruments OPAX134 Datasheet HTML 16Page - Texas Instruments OPAX134 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
6 Detailed Description
6.1 Overview
The OPA134 series are ultra-low distortion, low-noise operational amplifiers fully specified for audio applications.
A true FET input stage is incorporated to provide unmatched sound quality and speed for exceptional audio
performance. This, in combination with high output drive capability and excellent DC performance, allows for use
in a wide variety of demanding applications. In addition, the OPA134 has a wide output swing, to within 1V of the
rails, allowing increased headroom and making this op amp an excellent choice for any audio circuit.
6.2 Feature Description
6.2.1 Total Harmonic Distortion
The OPAx134 series of operational amplifiers have excellent distortion characteristics. THD+Noise is below
0.0004% throughout the audio frequency range, 20Hz to 20kHz, with a 2kΩ load. In addition, distortion remains
relatively flat through the wide output voltage swing range, providing increased headroom compared to other
audio amplifiers, including the OP176/275.
Headroom is a subjective measurement, and can be thought of as the maximum output amplitude allowed while
still maintaining a low level of distortion. In an attempt to quantify headroom, TI defines very low distortion as
0.01%. Headroom is expressed as a ratio which compares the maximum allowable output voltage level to a
standard output level (1mW into 600Ω, or 0.7746Vrms). Therefore, OPA134 series of operational amplifiers,
which have a maximum allowable output voltage level of 11.7Vrms (THD+Noise < 0.01%), have a headroom
specification of 23.6dBu. See Figure 5-4.
www.ti.com
OPA134, OPA2134, OPA4134
SBOS058B – DECEMBER 1997 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA134 OPA2134 OPA4134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com