Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX134 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPAX134
Description  OPAx134 High-Performance, SoundPlus™ Audio Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX134 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPAX134 Datasheet HTML 8Page - Texas Instruments OPAX134 Datasheet HTML 9Page - Texas Instruments OPAX134 Datasheet HTML 10Page - Texas Instruments OPAX134 Datasheet HTML 11Page - Texas Instruments OPAX134 Datasheet HTML 12Page - Texas Instruments OPAX134 Datasheet HTML 13Page - Texas Instruments OPAX134 Datasheet HTML 14Page - Texas Instruments OPAX134 Datasheet HTML 15Page - Texas Instruments OPAX134 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±15V, RL = 2kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
Ambient Temperature (°C)
4.3
4.2
4.1
4.0
3.9
3.8
60
50
40
30
20
10
–75
–50
–25
0
25
50
75
100
125
±I
SC
±I
Q
Figure 5-19. Quiescent Current and Short-Circuit Current
vs Temperature
200ns/div
G = 1, CL = 100pF
Figure 5-20. Small-Signal Step Response
1 s/div
μ
G = 1, CL = 100pF
Figure 5-21. Large-Signal Step Response
Closed-Loop Gain (V/V)
100
10
1
0.1
±1
±10
±100
±1000
0.01%
0.1%
Figure 5-22. Settling Time vs Closed-Loop Gain
40
35
30
25
20
15
10
5
0
0
100
200
300
400
500
600
700
800
900 1000
CapacitiveLoad(pF)
R
=0W
OUT
R
=24W
OUT
R
=51W
OUT
+15V
-15V
R
OUT
C
L
OPA1641
R
L
G=+1
G = +1
Figure 5-23. Small-Signal Overshoot vs Load Capacitance
45
40
35
30
25
20
15
10
5
0
0
100
200
300
400
500
600
700
800
900 1000
CapacitiveLoad(pF)
R
=0W
OUT
R
=24W
OUT
R
=51W
OUT
OPA1641
R =
I
2kW
R
OUT
C
L
R
F =2kW
+15V
-15V
G= 1
-
G = –1
Figure 5-24. Small-Signal Overshoot vs Load Capacitance
OPA134, OPA2134, OPA4134
SBOS058B – DECEMBER 1997 – REVISED NOVEMBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA134 OPA2134 OPA4134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com