Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX134 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPAX134
Description  OPAx134 High-Performance, SoundPlus™ Audio Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX134 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPAX134 Datasheet HTML 7Page - Texas Instruments OPAX134 Datasheet HTML 8Page - Texas Instruments OPAX134 Datasheet HTML 9Page - Texas Instruments OPAX134 Datasheet HTML 10Page - Texas Instruments OPAX134 Datasheet HTML 11Page - Texas Instruments OPAX134 Datasheet HTML 12Page - Texas Instruments OPAX134 Datasheet HTML 13Page - Texas Instruments OPAX134 Datasheet HTML 14Page - Texas Instruments OPAX134 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±15V, RL = 2kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
Frequency (Hz)
10k
100k
1M
10M
30
20
10
0
V
S = ±15V
V
S = ±2.5V
V
S = ±5V
Maximum output voltage
without slew-rate
induced distortion
Figure 5-13. Maximum Output Voltage vs Frequency
Frequency (Hz)
10
1
0.1
0.01
0.001
0.0001
10
100
1k
10k
100k
G = +1
G = +2
G = +10
G = +100
Note: Open-Loop
Output Impedance
at f = 10kHz is 10
Ω
Figure 5-14. Closed-Loop Output Impedance vs Frequency
Ambient Temperature (°C)
100k
10k
1k
100
10
1
0.1
–75
–50
–25
0
25
50
75
100
125
Dual
Single
High Speed Test
Warmed Up
Figure 5-15. Input Bias Current vs Temperature
Common-Mode Voltage (V)
10
9
8
7
6
5
4
3
2
1
0
–15
–10
–5
0
5
10
15
High Speed Test
Figure 5-16. Input Bias Current vs Input Common-Mode Voltage
150
140
130
120
110
100
Temperature (°C)
–75
–50
–25
0
25
50
75
100
125
R = 10k
L
W
R = 2k
L
W
R = 600
L
W
Figure 5-17. Open-Loop Gain vs Temperature
Ambient Temperature (°C)
120
110
100
90
–75
–50
–25
0
25
50
75
100
125
PSR
CMR
Figure 5-18. CMR, PSR vs Temperature
www.ti.com
OPA134, OPA2134, OPA4134
SBOS058B – DECEMBER 1997 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA134 OPA2134 OPA4134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com