Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS16170C Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPS16170C
Description  High voltage power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS16170C Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPS16170C Datasheet HTML 4Page - STMicroelectronics STPS16170C Datasheet HTML 5Page - STMicroelectronics STPS16170C Datasheet HTML 6Page - STMicroelectronics STPS16170C Datasheet HTML 7Page - STMicroelectronics STPS16170C Datasheet HTML 8Page - STMicroelectronics STPS16170C Datasheet HTML 9Page - STMicroelectronics STPS16170C Datasheet HTML 10Page - STMicroelectronics STPS16170C Datasheet HTML 11Page - STMicroelectronics STPS16170C Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package Information
STPS16170C
10/12
DocID12540 Rev 4
Figure 14. Footprint (dimensions in mm)
Table 7. D2PAK package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.36
4.60
0.171
0.181
A1
0
0.25
0.010
b
0.70
0.93
0.027
0.037
b2
1.14
1.70
0.045
0.067
c
0.38
0.69
0.014
0.027
c2
1.19
1.36
0.046
0.053
D
8.60
9.35
0.338
0.368
D1
6.90
8.00
0.271
0.315
D2
1.10
1.50
0.043
0.060
E
10.00
10.55
0.393
0.415
E1
8.10
8.90
0.318
0.350
E2
6.85
7.25
0.269
0.285
e
2.54
0.1
e1
4.88
5.28
0.192
0.208
H
15.00
15.85
0.590
0.624
J1
2.49
2.90
0.098
0.114
L
1.90
2.79
0.074
0.110
L1
1.27
1.65
0.050
0.065
L2
1.30
1.78
0.051
0.070
R
0.40 typ.
0.016 typ.
V2
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com