Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS16170C Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS16170C
Description  High voltage power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS16170C Datasheet(HTML) 2 Page - STMicroelectronics

  STPS16170C Datasheet HTML 1Page - STMicroelectronics STPS16170C Datasheet HTML 2Page - STMicroelectronics STPS16170C Datasheet HTML 3Page - STMicroelectronics STPS16170C Datasheet HTML 4Page - STMicroelectronics STPS16170C Datasheet HTML 5Page - STMicroelectronics STPS16170C Datasheet HTML 6Page - STMicroelectronics STPS16170C Datasheet HTML 7Page - STMicroelectronics STPS16170C Datasheet HTML 8Page - STMicroelectronics STPS16170C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
STPS16170C
2/12
DocID12540 Rev 4
1
Characteristics
When the diodes 1 and 2 are used simultaneously:
Tj(diode 1) = P(diode1) x R
th(j-c)(Per diode) + P(diode 2) x Rth(c)
To evaluate the conduction losses use the following equation:
P = 0.64 x IF(AV) + 0.014 x IF
2
(RMS)
Table 2. Absolute ratings (limiting values per diode at Tamb = 25 °C unless otherwise stated)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
170
V
IF(RMS)
Forward rms current
20
A
IF(AV)
Average forward current,
δ = 0.5, square wave T
c = 150 °C
Per diode
8
A
Total
16
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
75
A
PARM
(1)
Repetitive peak avalanche power
tp = 10 µs, Tj = 125 °C
335
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature(2)
175
°C
1.
For pulse time duration derating, please refer to Figure 3. More details regarding the avalanche energy measurements and
diode validation in the avalanche are provided in the application notes AN1768 and AN2025.
2.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
<
1
Rth(j-a)
Table 3. Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
3
°C/W
Total
1.8
Rth(c)
Coupling
0.6
Table 4. Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
--
15
µA
Tj = 125 °C
-
-
15
mA
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 8 A
-
-
0.92
V
Tj = 125 °C
-
0.70
0.75
Tj = 25 °C
IF = 16 A
--
1.0
Tj = 125 °C
-
0.80
0.86
1.
Pulse test: tp = 5 ms,  < 2%
2.
Pulse test: tp = 380 µs,  < 2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com