Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS16170C Datasheet(PDF) 11 Page - STMicroelectronics

Part # STPS16170C
Description  High voltage power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS16170C Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STPS16170C Datasheet HTML 4Page - STMicroelectronics STPS16170C Datasheet HTML 5Page - STMicroelectronics STPS16170C Datasheet HTML 6Page - STMicroelectronics STPS16170C Datasheet HTML 7Page - STMicroelectronics STPS16170C Datasheet HTML 8Page - STMicroelectronics STPS16170C Datasheet HTML 9Page - STMicroelectronics STPS16170C Datasheet HTML 10Page - STMicroelectronics STPS16170C Datasheet HTML 11Page - STMicroelectronics STPS16170C Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DocID12540 Rev 4
11/12
STPS16170C
Ordering information
12
3
Ordering information
4
Revision history
Table 8. Ordering information
Order code
Marking
Package
Weight
Base qty Delivery mode
STPS16170CG-TR
STPS16170CG
D²PAK
1.38 g
1000
Tape and reel
STPS16170CB-TR
PS16170CB
DPAK
0.32 g
2500
STPS16170CR
STPS16170CR
I²PAK
1.5 g
50
Tube
Table 9. Revision history
Date
Revision
Changes
13-Jul-2006
1
First issue.
20-Mar-2015
2
Updated DPAK and D²PAK and reformatted to current standard.
23-Apr-2015
3
Updated Figure 13.
18-Dec-2015
4
Updated DPAK package information and reformatted to current
standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com