Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS16170C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS16170C
Description  High voltage power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS16170C Datasheet(HTML) 3 Page - STMicroelectronics

  STPS16170C Datasheet HTML 1Page - STMicroelectronics STPS16170C Datasheet HTML 2Page - STMicroelectronics STPS16170C Datasheet HTML 3Page - STMicroelectronics STPS16170C Datasheet HTML 4Page - STMicroelectronics STPS16170C Datasheet HTML 5Page - STMicroelectronics STPS16170C Datasheet HTML 6Page - STMicroelectronics STPS16170C Datasheet HTML 7Page - STMicroelectronics STPS16170C Datasheet HTML 8Page - STMicroelectronics STPS16170C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DocID12540 Rev 4
3/12
STPS16170C
Characteristics
12
Figure 1. Average forward power dissipation
versus average forward current (per diode)
Figure 2. Average forward current versus
ambient temperature (
δ = 0.5, per diode)
0
1
2
3
4
5
6
7
8
01
23
45
67
89
10
P
F(AV)(W)
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
IF(AV)(A)
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
7
8
9
Tamb(°C)
I
(A)
F(av)
Rth(j-a)=Rth(j-c)
Rth(j-a)=15°C/W
T
δ=tp/T
tp
Figure 3. Normalized avalanche power derating
versus pulse duration at Tj = 125 °C
Figure 4. Relative variation of thermal
impedance junction to case versus pulse
duration
P(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com