Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 117 Page - Texas Instruments

Part # XIO2001IPNP
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 117 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 113Page - Texas Instruments XIO2001IPNP Datasheet HTML 114Page - Texas Instruments XIO2001IPNP Datasheet HTML 115Page - Texas Instruments XIO2001IPNP Datasheet HTML 116Page - Texas Instruments XIO2001IPNP Datasheet HTML 117Page - Texas Instruments XIO2001IPNP Datasheet HTML 118Page - Texas Instruments XIO2001IPNP Datasheet HTML 119Page - Texas Instruments XIO2001IPNP Datasheet HTML 120Page - Texas Instruments XIO2001IPNP Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 145 page
background image
• The PCLK66_SEL terminal determines if the XIO2001 provides either the standard 33/66 MHz frequencies or
25/50 MHz frequencies. If this terminal is pulled high at the de-assertion of PERST, then CLKOUTx terminals
provide the standard PCI 33/66 MHz frequencies (depending on the state of M66EN). If the terminal is pulled
low at the de-assertion of PERST, then a 25/50 MHz frequency is provided instead. The determination of
what frequency to use is design-specific, and this terminal must be pulled high or low appropriately.
• The M66EN terminal determines if the PCI Bus will operate at low speed (50/25 MHz) or high speed (66/33
MHz). At the de-assertion of PERST, the M66EN terminal is checked and if it is pulled to VCCP, then the high-
speed (66 MHz or 50 MHz) frequencies are used. If the pin is low, then the low-speed (33 MHz or 25 MHz)
frequencies are used. If the speed of all devices attached to the PCI bus is known, then this terminal can be
pulled appropriately to set the speed of the PCI bus. If add-in card slots are present on a high-speed bus that
may have low speed devices attached, then the terminal can be pulled high and connected to the slot,
permitting the add-in card to pull the terminal low and reduce the bus speed if a low-speed card is inserted.
• IDSEL for each PCI bus device must be resistively coupled (100 Ω) to one of the address lines between
AD31 and AD16. Please refer to the XIO2001 Data Manual for the configuration register transaction device
number to AD bit translation chart.
• PCI interrupts can be routed to the INT[D:A] inputs on the XIO2001. These four inputs are asynchronous to
the PCI bus clock and will detect state changes even if the PCI bus clock is stopped. For each INT[D:A] input,
an approved PCI bus pullup resistor to VCCP is required to keep each interrupt signal from floating. Interrupts
on the XIO2001 that are not connected to any device may be tied together and pulled-up through a single
resistor.
• PRST is a required PCI bus signal and must be connected to all devices. This output signal is asynchronous
to the PCI bus clock. Since the output driver is always enabled and either driving high or low, no pullup
resistor is needed.
• LOCK is an optional PCI bus signal. If LOCK is present in a system, it is connected to each PCI bus device
that supports the feature and must meet PCI bus loading requirements for the selected clock frequency. An
approved PCI bus pullup resistor to VCCP is required to keep this signal from floating, even if it is not
connected to devices on the bus. LOCK is a bused signal and synchronous to the PCI bus clock. All
synchronous PCI bus signals must be length matched to meet clock setup and hold requirements.
• SERIRQ is an optional PCI bus signal. When PERST is de-asserted, if a pullup resistor to VCCP is detected
on terminal M08, the serial IRQ interface is enabled. A pulldown resistor to V SS disables this feature. If
SERIRQ is present in a system, it is connected to each PCI bus device that supports the feature and must
meet PCI bus loading requirements for the selected clock frequency. An approved PCI bus pullup resistor to
VCCP is required to keep this signal from floating. SERIRQ is a bused signal and synchronous to the PCI bus
clock. All synchronous PCI bus signals must be length matched to meet clock setup and hold requirements.
Note
SERIRQ does not support serialized PCI interrupts and is used for serializing the 16 ISA interrupts.
• CLKRUN is an optional PCI bus signal that is shared with the GPIO0 pin. When PERST is de-asserted and if
a pullup resistor to VDD_33 is detected on pin C11 (CLKRUN_EN), the clock run feature is enabled. If
CLKRUN is required in a system, this pin is connected to each PCI bus device and must meet PCI bus
loading requirements for the selected clock frequency. An approved PCI bus pullup resistor to VDD_33 is
required per the PCI Mobile Design Guide . CLKRUN is a bused signal and synchronous to the PCI bus
clock. All synchronous PCI bus signals must be length matched to meet clock setup and hold requirements.
Note
If CLKRUN is used in a system, it must be supported by all devices attached to the PCI bus; if a
device that does not support CLKRUN is attached to a bus where it is enabled, there is a danger
that it will not be able to have a clock when it requires one.
• PWR_OVRD is an optional PCI bus signal that is shared with the GPIO1 terminal. In PWR_OVRD mode, this
pin is always an output and is asynchronous to the PCI bus clock. When the power override control bits in the
general control register at offset D4h are set to 001b or 011b, the M09 pin operates as the PWR_OVRD
signal. Prior to setting the power override control bits, the GPIO1 // PWR_OVRD pin defaults to a standard
GPIO pin.
www.ti.com
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
117
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com