Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 119 Page - Texas Instruments

Part # XIO2001IPNP
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 119 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 115Page - Texas Instruments XIO2001IPNP Datasheet HTML 116Page - Texas Instruments XIO2001IPNP Datasheet HTML 117Page - Texas Instruments XIO2001IPNP Datasheet HTML 118Page - Texas Instruments XIO2001IPNP Datasheet HTML 119Page - Texas Instruments XIO2001IPNP Datasheet HTML 120Page - Texas Instruments XIO2001IPNP Datasheet HTML 121Page - Texas Instruments XIO2001IPNP Datasheet HTML 122Page - Texas Instruments XIO2001IPNP Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 145 page
background image
Alternatively, the XIO2001 can be configured to self-park. In this mode if no other devices have their REQ
asserted, the XIO2001 will remove GNT from the current bus owner and drive a stable pattern onto the required
lines.
It is suggested that implementations use the default mode of bus parking. The PCI Specification recommends
leaving the current GNT signal asserted if no devices are asserting REQ. Some PCI bus masters will release
their REQ signals after having begun a transaction, even if that transaction may require the use of the bus for an
extended time. If the XIO2001 self-parks the bus, then these bus masters will have their transaction lengths
limited to the latency timer setting. This may result in increased arbitration, higher overhead for transactions, and
decreased bus performance.
9.2.1.2.1.2 I/O Characteristics
Figure 9-4 shows a 3-state bi-directional buffer that represents the I/O cell design for the PCI bus. Section 6.9,
Electrical Characteristics over Recommended Operating Conditions, provides the electrical characteristics of the
PCI bus I/O cell.
Note
The PCI bus interface on the bridge meets the ac specifications of the PCI Local Bus Specification.
Additionally, PCI bus terminals (input or I/O) must be held high or low to prevent them from floating.
PCIR
Figure 9-4. 3-State Bidirectional Buffer
9.2.1.2.1.3 Clamping Voltage
In the bridge, the PCI bus I/O drivers are powered from the VDD_33 power rail. Plus, the I/O driver cell is tolerant
to input signals with 5-V peak-to-peak amplitudes.
For PCI bus interfaces operating at 50 MHz or 66 MHz, all devices are required to output only 3.3-V peak-to-
peak signal amplitudes. For PCI bus interfaces operating at 25-MHz or 33-MHz, devices may output either 3.3-V
or 5-V peak-to-peak signal amplitudes. The bridge accommodates both signal amplitudes.
Each PCI bus I/O driver cell has a clamping diode connected to the internal VCCP voltage rail that protects the
cell from excessive input voltage. The internal VCCP rail is connected to two PCIR terminals. If the PCI signaling
is 3.3-V, then PCIR terminals are connected to a 3.3-V power supply via a 1-kΩ resistor. If the PCI signaling is 5-
V, then the PCIR terminals are connected to a 5-V power supply via a 1kΩ resistor.
The PCI bus signals attached to the VCCP clamping voltage are identified as follows
• Pin Functions table, PCI System Terminals, all terminal names except for PME
• Pin Functions table, Miscellaneous Terminals, the terminal name SERIRQ.
9.2.1.2.1.4 PCI Bus Clock Run
The bridge supports the clock run protocol as specified in the PCI Mobile Design Guide. When the clock run
protocol is enabled, the bridge assumes the role of the central resource master.
To enable the clock run function, terminal CLKRUN_EN is asserted high. Then, terminal GPIO0 is enabled as
the CLKRUN signal. An external pullup resistor must be provided to prevent the CLKRUN signal from floating To
verify the operational status of the PCI bus clocks, bit 0 (SEC_CLK_STATUS) in the clock run status register at
offset DAh (see Section 8.4.69) is read.
Since the bridge has several unique features associated with the PCI bus interface, the system designer must
consider the following interdependencies between these features and the CLKRUN feature:
www.ti.com
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
119
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com