Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISE223SY3 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # ISE223SY3
Description  ALCOSWITCH SELECTOR SWITCH ISE, IKE SERIES AND CONTACT BLOCKS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

ISE223SY3 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  ISE223SY3 Datasheet HTML 1Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 2Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 3Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 4Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 5Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 6Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PERFORMANCE CHARACTERISTICS
Selector Switch
Selector Switch - Lever
Key Selector Switch
Function type
Standard head rotary
Lever head rotary
Lock and key rotary
Type
Non-illuminated
Degree of protection
IP65
Mechanical cycles
Min. 100,000 Cycles
Polymer details (base material only)
Housing - polyamide / nylon, Collar - ABS, Cap - PC (polycarbide)
DIMENSIONS (Unit:mm)
Selector Switch
Tolerance: ± 0.5 mm
2
INDUSTRIAL /
ALCOSWITCH SELECTOR SWITCH ISE, IKE SERIES AND CONTACT BLOCKS
ALCOSWITCH SELECTOR SWITCH ISE, IKE SERIES
Compatible contact blocks
Contact blocks/LED holders
Ref.
Page 5~8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com