Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISE223SY3 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # ISE223SY3
Description  ALCOSWITCH SELECTOR SWITCH ISE, IKE SERIES AND CONTACT BLOCKS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

ISE223SY3 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  ISE223SY3 Datasheet HTML 1Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 2Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 3Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 4Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 5Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 6Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ALCOSWITCH CONTACT BLOCKS
INDUSTRIAL /
ALCOSWITCH SELECTOR SWITCH ISE, IKE SERIES AND CONTACT BLOCKS
PERFORMANCE CHARACTERISTICS
Contact Block- NO
Contact Block - NC
Rated voltage
230 V AC
Rated current
AC15 - 6 A, AC12 - 10 A,
(IEC60947-5-1)
Rated insulation voltage
600 VAC
Life cycle
Electrical
@ Rated current 10 A, 500,000 Operation
Mechanical
1,000,000 Operations
Operating frequency
50 / 60 Hz
Actuating force
350 gmf
Operating temperature
-30 °C ~ 60 °C
Storage temperature
-25 °C ~ 70 °C
mV drop @ 16A
200 mV max. (Initial value)
Insulation resistance
100 MΩ min. (@500 VDC)
Recommended tightening torque
0.8 Nm
Terminals
Suitable for flexible or solid conductors from 1x0.5
sq.mm ~ 2x1.5 sq.mm or 1x2.5 sq.mm
HV Test for 60 sec.
1.5 KV (all terminals shorted together and body)
Degree of protection
Terminals : IP20
Polymer details (base material only)
Housing - polyamide /nylon
Cover - polyamide /nylon
Slide - polyamide



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com