Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISE223SY3 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # ISE223SY3
Description  ALCOSWITCH SELECTOR SWITCH ISE, IKE SERIES AND CONTACT BLOCKS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

ISE223SY3 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  ISE223SY3 Datasheet HTML 1Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 2Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 3Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 4Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 5Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 6Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PRODUCT CODE STRUCTURE - SELECTOR SWITCH
Product Key
ISE 22 2 L Y 1
Series
ISE
Selector
IKE
Keylock
Panel cutout
22
22.5 mm
No of Positions
2
2 position
3
3 position
Selector Action Code
1
0/45
2
45/45
3
45/0/45
Momentary
Y
With spring return
N
Without spring return
Actuator style
S
Standard
L
Lever
K
Key
TE Smart Part Number
Description
LED Color
TE Part Number
ISE222SY1
Selector switch black (2 Pos) R
Black
2492708-1
ISE222SN2
Selector switch black (2 Pos)
2492708-2
ISE223SN3
Selector switch black (3 Pos)
2492708-3
ISE223SY3
Selector switch black (3 Pos) R
2492708-4
ISE222LY1
Selector switch black (2 Pos) R Lever
2492674-1 
ISE222LN2
Selector switch black (2 Pos) Lever
2492674-2
ISE223LN3
Selector switch black (3 Pos) Lever
2492674-3
ISE223LY3
Selector switch black (3 Pos) R Lever
2492674-4
IKE222KY1
Key selector switch (2 Pos) R
2492709-1
IKE222KN1
Key selector switch (2 Pos) Rem. 0
2492709-2
IKE223KY3
Key selector switch (3 Pos) SR Rem. 0
2492709-3
IKE223KN3
Key selector switch (3 Pos) Rem. 0
2492709-4
PRODUCT INFORMATION - SELECTOR SWITCH`
4
INDUSTRIAL /
ALCOSWITCH SELECTOR SWITCH ISE, IKE SERIES AND CONTACT BLOCKS
ALCOSWITCH SELECTOR SWITCH ISE, IKE SERIES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com