Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISE223SY3 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # ISE223SY3
Description  ALCOSWITCH SELECTOR SWITCH ISE, IKE SERIES AND CONTACT BLOCKS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

ISE223SY3 Datasheet(HTML) 6 Page - TE Connectivity Ltd

  ISE223SY3 Datasheet HTML 1Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 2Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 3Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 4Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 5Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 6Page - TE Connectivity Ltd ISE223SY3 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
ALCOSWITCH CONTACT BLOCKS
INDUSTRIAL /
ALCOSWITCH SELECTOR SWITCH ISE, IKE SERIES AND CONTACT BLOCKS
Contact Block - NC
Contact Block - NO
A
A
SECTION A-A
9.7
02
32.35
A
A
SECTION A-A
9.7
02
32.35
22.6
DIMENSIONS (Unit:mm)
Tolerance: ± 0.5 mm
Tolerance: ± 0.5 mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com