Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5713 Datasheet(PDF) 35 Page - Texas Instruments

Part # TAS5713
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5713 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TAS5713 Datasheet HTML 31Page - Texas Instruments TAS5713 Datasheet HTML 32Page - Texas Instruments TAS5713 Datasheet HTML 33Page - Texas Instruments TAS5713 Datasheet HTML 34Page - Texas Instruments TAS5713 Datasheet HTML 35Page - Texas Instruments TAS5713 Datasheet HTML 36Page - Texas Instruments TAS5713 Datasheet HTML 37Page - Texas Instruments TAS5713 Datasheet HTML 38Page - Texas Instruments TAS5713 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
(1or0)
2 +
´
1
(1or0)
2 +(1or0)
2
+.......(1or0)
2
+.......(1or0)
2
´
´
´
´
0
–1
–4
–23
2 Bit
1
2 Bit
0
2
Bit
–1
2
Bit
–4
2
Bit
–23
M0126-01
u
Coefficient
Digit8
u u u
u u S x
Coefficient
Digit7
x.
x
x
x
Coefficient
Digit6
x
x
x
x
Coefficient
Digit5
x
x
x
x
Coefficient
Digit4
x
x
x
x
Coefficient
Digit3
x
x
x
x
Coefficient
Digit2
x
x
x
x
Coefficient
Digit1
Fraction
Digit5
Fraction
Digit4
Fraction
Digit3
Fraction
Digit2
Fraction
Digit1
Integer
Digit1
Sign
Bit
Fraction
Digit6
u=unusedordon’tcarebits
Digit=hexadecimaldigit
M0127-01
0
TAS5713
www.ti.com
SLOS637A – DECEMBER 2009 – REVISED AUGUST 2010
The decimal value of a 3.23 format number can be found by following the weighting shown in Figure 48. If the
most significant bit is logic 0, the number is a positive number, and the weighting shown yields the correct
number. If the most significant bit is a logic 1, then the number is a negative number. In this case every bit must
be inverted, a 1 added to the result, and then the weighting shown in Figure 49 applied to obtain the magnitude
of the negative number.
Figure 49. Conversion Weighting Factors—3.23 Format to Floating Point
Gain coefficients, entered via the I2C bus, must be entered as 32-bit binary numbers. The format of the 32-bit
number (4-byte or 8-digit hexadecimal number) is shown in Figure 50.
Figure 50. Alignment of 3.23 Coefficient in 32-Bit I2C Word
Table 2. Sample Calculation for 3.23 Format
db
Linear
Decimal
Hex (3.23 Format)
0
1
8,388,608
80 0000
5
1.77
14,917,288
00E3 9EA8
–5
0.56
4,717,260
0047 FACC
X
L = 10(X/20)
D = 8,388,608 × L
H = dec2hex (D, 8)
Table 3. Sample Calculation for 9.17 Format
db
Linear
Decimal
Hex (9.17 Format)
0
1
131,072
2 0000
5
1.77
231,997
3 8A3D
–5
0.56
73,400
1 1EB8
X
L = 10(X/20)
D = 131072 × L
H = dec2hex (D, 8)
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com