Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5713 Datasheet(PDF) 55 Page - Texas Instruments

Part # TAS5713
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5713 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TAS5713 Datasheet HTML 51Page - Texas Instruments TAS5713 Datasheet HTML 52Page - Texas Instruments TAS5713 Datasheet HTML 53Page - Texas Instruments TAS5713 Datasheet HTML 54Page - Texas Instruments TAS5713 Datasheet HTML 55Page - Texas Instruments TAS5713 Datasheet HTML 56Page - Texas Instruments TAS5713 Datasheet HTML 57Page - Texas Instruments TAS5713 Datasheet HTML 58Page - Texas Instruments TAS5713 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
TAS5713
www.ti.com
SLOS637A – DECEMBER 2009 – REVISED AUGUST 2010
CHANNEL 4 SOURCE SELECT REGISTER (0x21)
This register selects the channel 4 source.
Table 21. Subchannel Control Register (0x21)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
0
0
0
0
Reserved(1)
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
0
0
0
0
0
0
0
Reserved(1)
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
1
0
0
0
0
1
Reserved(1)
–
–
–
–
–
–
–
0
(L + R)/2
–
–
–
–
–
–
–
1
Left-channel post-BQ
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
1
1
Reserved(1)
(1)
Default values are in bold.
PWM OUTPUT MUX REGISTER (0x25)
This DAP output mux selects which internal PWM channel is output to the external pins. Any channel can be
output to any external output pin.
Bits D21–D20:
Selects which PWM channel is output to OUT_A
Bits D17–D16:
Selects which PWM channel is output to OUT_B
Bits D13–D12:
Selects which PWM channel is output to OUT_C
Bits D09–D08:
Selects which PWM channel is output to OUT_D
Note that channels are encoded so that channel 1 = 0x00, channel 2 = 0x01, …, channel 4 = 0x03.
Table 22. PWM Output Mux Register (0x25)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
0
0
0
1
Reserved(1)
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
0
–
–
–
–
–
–
Reserved(1)
–
–
0
0
–
–
–
–
Multiplex channel 1 to OUT_A (1)
–
–
0
1
–
–
–
–
Multiplex channel 2 to OUT_A
–
–
1
0
–
–
–
–
Multiplex channel 1 to OUT_A
–
–
1
1
–
–
–
–
Multiplex channel 2 to OUT_A
–
–
–
–
0
0
–
–
Reserved (1)
–
–
–
–
–
–
0
0
Multiplex channel 1 to OUT_B
–
–
–
–
–
–
0
1
Multiplex channel 2 to OUT_B
–
–
–
–
–
–
1
0
Multiplex channel 1 to OUT_B (1)
–
–
–
–
–
–
1
1
Multiplex channel 2 to OUT_B
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
–
–
–
–
–
–
Reserved (1)
–
–
0
0
–
–
–
–
Multiplex channel 1 to OUT_C
–
–
0
1
–
–
–
–
Multiplex channel 2 to OUT_C(1)
–
–
1
0
–
–
–
–
Multiplex channel 1 to OUT_C
(1)
Default values are in bold.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com