Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5713 Datasheet(PDF) 48 Page - Texas Instruments

Part # TAS5713
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5713 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TAS5713 Datasheet HTML 44Page - Texas Instruments TAS5713 Datasheet HTML 45Page - Texas Instruments TAS5713 Datasheet HTML 46Page - Texas Instruments TAS5713 Datasheet HTML 47Page - Texas Instruments TAS5713 Datasheet HTML 48Page - Texas Instruments TAS5713 Datasheet HTML 49Page - Texas Instruments TAS5713 Datasheet HTML 50Page - Texas Instruments TAS5713 Datasheet HTML 51Page - Texas Instruments TAS5713 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
TAS5713
SLOS637A – DECEMBER 2009 – REVISED AUGUST 2010
www.ti.com
VOLUME REGISTERS (0x07, 0x08, 0x09, 0x0A)
Step size is 0.5 dB.
Master volume
– 0x07 (default is mute)
Channel-1 volume
– 0x08 (default is 0 dB)
Channel-2 volume
– 0x09 (default is 0 dB)
Headphone volume
– 0x0A (default is 0 dB)
Table 12. Master Volume Table
HEX
dB
HEX
dB
HEX
dB
HEX
dB
HEX
dB
HEX
dB
00
24
30
0
60
–24
90
–48
C0
–72
F0
–96
01
23.5
31
–0.5
61
–24.5
91
–48.5
C1
–72.5
F1
–96.5
02
23
32
–1
62
–25
92
–49
C2
–73
F2
–97
03
22.5
33
–1.5
63
–25.5
93
–49.5
C3
–73.5
F3
–97.5
04
22
34
–2
64
–26
94
–50
C4
–74
F4
–98
05
21.5
35
–2.5
65
–26.5
95
–50.5
C5
–74.5
F5
–98.5
06
21
36
–3
66
–27
96
–51
C6
–75
F6
–99
07
20.5
37
–3.5
67
–27.5
97
–51.5
C7
–75.5
F7
–99.5
08
20
38
–4
68
–28
98
–52
C8
–76
F8
–100
09
19.5
39
–4.5
69
–28.5
99
–52.5
C9
–76.5
F8
0A
19
3A
–5
6A
–29
9A
–53
CA
–77
FA
0B
18.5
3B
–5.5
6B
–29.5
9B
–53.5
CB
–77.5
FB
0C
18
3C
–6
6C
–30
9C
–54
CC
–78
FC
0D
17.5
3D
–6.5
6D
–30.5
9D
–54.5
CD
–78.5
FD
0E
17
3E
–7
6E
–31
9E
–55
CE
–79
FE
0F
16.5
3F
–7.5
6F
–31.5
9F
–55.5
CF
–79.5
FF
10
16
40
–8
70
–32
A0
–56
D0
–80
11
15.5
41
–8.5
71
–32.5
A1
–56.5
D1
–80.5
12
15
42
–9
72
–33
A2
–57
D2
–81
13
14.5
43
–9.5
73
–33.5
A3
–57.5
D3
–81.5
14
14
44
–10
74
–34
A4
–58
D4
–82
15
13.5
45
–10.5
75
–34.5
A5
–58.5
D5
–82.5
16
13
46
–11
76
–35
A6
–59
D6
–83
17
12.5
37
–11.5
77
–35.5
A7
–59.5
D7
–83.5
18
12
38
–12
78
–36
A8
–60
D8
–84
19
11.5
39
–12.5
79
–36.5
A9
–60.5
D9
–84.5
1A
11
4A
–13
7A
–37
AA
–61
DA
–85
1B
10.5
4B
–13.5
7B
–37.5
AB
–61.5
DB
–85.5
1C
10
4C
–14
7C
–38
AC
–62
DC
–86
1D
9.5
4D
–14.5
7D
–38.5
AD
–62.5
DD
–86.5
1E
9
4E
–15
7E
–39
AE
–63
DE
–87
1F
8.5
4F
–15.5
7F
–39.5
AF
–63.5
DF
–87.5
20
8
50
–16
80
–40
B0
–64
E0
–88
21
7.5
51
–16.5
81
–40.5
B1
–64.5
E1
–88.5
22
7
52
–17
82
–41
B2
–65
E2
–89
23
6.5
53
–17.5
83
–41.5
B3
–65.5
E3
–89.5
24
6
54
–18
84
–42
B4
–66
E4
–90
25
5.5
55
–18.5
85
–42.5
B5
–66.5
E5
–90.5
48
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com