Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4502/3 Datasheet(PDF) 22 Page - Texas Instruments

Part # THS4502/3
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4502/3 Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS4502/3 Datasheet HTML 18Page - Texas Instruments THS4502/3 Datasheet HTML 19Page - Texas Instruments THS4502/3 Datasheet HTML 20Page - Texas Instruments THS4502/3 Datasheet HTML 21Page - Texas Instruments THS4502/3 Datasheet HTML 22Page - Texas Instruments THS4502/3 Datasheet HTML 23Page - Texas Instruments THS4502/3 Datasheet HTML 24Page - Texas Instruments THS4502/3 Datasheet HTML 25Page - Texas Instruments THS4502/3 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
BASIC DESIGN CONSIDERATIONS
1
R =
T
1 -
K
2(1+K)
R3
-
1
R
S
K=
R2
R1
R2=R4
R3=R1
(R ||R )
-
S
T
R1
R1+R2
b =
1
R3+R ||R
T
S
R3+R ||
+R4
T
S
R
b =
2
(7)
V
OD
V
S
=2
1 - b2
b
b2
1
+
R
T
R
R
S
T
+
(8)
V
OD
V
IN
=2
1 - b2
b
b2
1
+
(9)
INTERFACING TO AN ANALOG-TO-DIGITAL
THS4504
THS4505
SLOS363D – AUGUST 2002 – REVISED MAY 2008 ......................................................................................................................................................... www.ti.com
• Use separate analog and digital power supplies
and grounds. Noise (bounce) in
the
power
The circuits in Figure 76 through Figure 78 are used
supplies (created by digital switching currents) can
to highlight basic design considerations for fully
couple
directly
into
the
signal
path,
and
differential amplifier circuit designs.
power-supply noise can create higher distortion
products as well.
Equations for calculating fully differential amplifier
resistor values in order to obtain balanced operation
• Use care when filtering. While an RC low-pass
in the presence of a 50-
Ω source impedance are
filter may be desirable on the output of the
given in Equation 6 through Equation 9.
amplifier to filter broadband noise, the excess
loading
can
negatively
impact
the
amplifier
linearity. Filtering in the feedback path does not
have this effect.
• AC-coupling allows easier circuit design. If
dc-coupling is required, be aware of the excess
(6)
power
dissipation
that
can
occur
due
to
level-shifting
the
output
through
the
output
common-mode voltage control.
• Do not terminate the output unless required. Many
open-loop,
class-A
amplifiers
require
50-
Ω
termination for proper operation, but closed-loop
fully differential amplifiers drive a specific output
voltage regardless of the load impedance present.
Terminating the output of a fully differential
amplifier with a heavy load adversely effects the
amplifier's linearity.
For more detailed information about balance in fully
• Comprehend the V
OCM input drive requirements.
differential
amplifiers,
see
the
Fully
Differential
Determine if the ADC voltage reference can
Amplifiers, referenced at the end of this data sheet.
provide the required amount of current to move
VOCM to the desired value. A buffer may be
needed.
CONVERTER
• Decouple the V
OCM pin to eliminate the antenna
The THS4500 family of amplifiers are designed
effect. VOCM is a high-impedance node that can
specifically
to
interface
to
today's
act as an antenna. A large decoupling capacitor
highest-performance
analog-to-digital
converters.
on this node eliminates this problem.
This section highlights the key concerns when
• Be cognizant of the input common-mode range. If
interfacing
to
an
ADC
and
provides
example
the input signal is referenced around the negative
ADC/fully differential amplifier interface circuits.
power supply rail (e.g., around ground on a single
Key
design
concerns
when
interfacing
to
an
5 V supply), then the THS4500/1 accommodates
analog-to-digital converter:
the input signal. If the input signal is referenced
• Terminate
the
input
source
properly.
In
around midrail, choose the THS4502/3 for the
high-frequency
receiver
chains,
the
source
best operation.
feeding the fully differential amplifier requires a
• Packaging makes a difference at higher
specific load impedance (for example, 50
Ω).
frequencies. If possible, choose the smaller,
• Design a symmetric printed-circuit board (PCB)
thermally-enhanced MSOP package for the best
layout. Even-order distortion products are heavily
performance.
As
a
rule,
lower
junction
influenced by layout, and careful attention to a
temperatures
provide
better
performance.
If
symmetric layout will minimize these distortion
possible, use a thermally-enhanced package,
products.
even if the power dissipation is relatively small
compared to the maximum power dissipation
• Minimize inductance in power-supply decoupling
rating to achieve the best results.
traces
and
components.
Poor
power-supply
decoupling can have a dramatic effect on circuit
• Comprehend the effect of the load impedance
performance. Since the outputs are differential,
seen by the fully differential amplifier when
differential currents exist in the power-supply pins.
performing
system-level
intercept
point
Thus, decoupling capacitors should be placed in a
calculations.
Lighter
loads
(such
as
those
manner that minimizes the impedance of the
presented by an ADC) allow smaller intercept
current loop.
points to support the same level of intermodulation
distortion performance.
22
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): THS4504 THS4505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com